Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM48310 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM48310
Description  Ultra-Low EMI, Filterless, 2.6W, Mono, Class D Audio Power Amplifier with E2S
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM48310 Datasheet(HTML) 3 Page - Texas Instruments

  LM48310 Datasheet HTML 1Page - Texas Instruments LM48310 Datasheet HTML 2Page - Texas Instruments LM48310 Datasheet HTML 3Page - Texas Instruments LM48310 Datasheet HTML 4Page - Texas Instruments LM48310 Datasheet HTML 5Page - Texas Instruments LM48310 Datasheet HTML 6Page - Texas Instruments LM48310 Datasheet HTML 7Page - Texas Instruments LM48310 Datasheet HTML 8Page - Texas Instruments LM48310 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
10
9
8
7
6
1
2
3
4
5
SYNC_OUT
GND
OUTB
OUTA
PVDD
VDD
IN+
IN-
SD
SYNC_IN
LM48310
www.ti.com
SNAS430C – NOVEMBER 2007 – REVISED JUNE 2009
Connection Diagram
Figure 2. WSON Package - Top View
See Package Number DSC0010
PIN DESCRIPTIONS
Pin
Name
Description
1
IN+
Non-Inverting Input
2
IN-
Inverting Input
3
VDD
Power Supply
4
SD
Active Low Shutdown Input. Connect to VDD for normal operation.
Mode Select and External Oscillator Input.
SYNC_IN = VDD: Spread spectrum mode with fS = 300kHz ± 30%
5
SYNC_IN
SYNC_IN = GND: Fixed frequency mode with fS = 300kHz
SYNC_IN = Clocked: fS = external clock frequency
6
SYNC_OUT
Clock Output
7
OUTB
Inverting Output
8
GND
Ground
9
PVDD
H-Bridge Power Supply
10
OUTA
Non-Inverting Output
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Copyright © 2007–2009, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM48310



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com