Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 4Page - Omron Electronics LLC P2CF-08 Datasheet HTML 5Page - Omron Electronics LLC P2CF-08 Datasheet HTML 6Page - Omron Electronics LLC P2CF-08 Datasheet HTML 7Page - Omron Electronics LLC P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC P2CF-08 Datasheet HTML 10Page - Omron Electronics LLC P2CF-08 Datasheet HTML 11Page - Omron Electronics LLC P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
8
E2C/E2C-H
Influence of Sensing Object Size and Material
E2C-CR8
@
E2C-X1A/-C1A
E2C-X1R5A
E2C-X2A
E2C-X5A
E2C-X10A
E2C-C20MA
E2C-X1R5AH + E2C-JC4CH
E2C-X2AH + E2C-JC4DH
E2C-X5AH + E2C-JC4EH
t = 1 mm
X
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2
4
6
8
10
12
14
16
18 20 22
Iron
Side length of sensing object: d (mm)
d
×
d
t = 1 mm
X
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
2
4
6
8
10
12
14
16
18 20
d
×
d
Stainless steel
(SUS304)
Iron
Aluminum
Brass
Side length of sensing object: d (mm)
t = 1 mm
X
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
16
18 20
d
×
d
Stainless steel
(SUS304)
Iron
Aluminum
Brass
Side length of sensing object: d (mm)
X
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
2
4
6
8
10
12
14
16
18
20 22
t = 1 mm
d
×
d
Stainless steel
(SUS304)
Iron
Aluminum
Brass
Side length of sensing object: d (mm)
t = 1 mm
X
8
7
6
5
4
3
2
1
0
5
10
15
20
25
30
35
40 45
Stainless steel
(SUS304)
Iron
Aluminum
Brass
Side length of sensing object: d (mm)
d
×
d
X
16
14
12
10
8
6
4
2
0
5
10
15
20
25
30
35
40
45
t = 1 mm
Stainless steel
(SUS304)
Iron
Aluminum
Brass
Side length of sensing object: d (mm)
d
×
d
X
35
30
25
20
15
10
5
0
10
20
30
40
50
60
70
80
90 100110
d
×
d
t = 1 mm
Stainless steel
(SUS304)
Iron
Aluminum
Brass
Side length of sensing object: d (mm)
X
2.5
2
1.5
1
0.5
0
10
20
30
40
50
d
×
d
t = 1 mm
Iron
Stainless steel
(SUS304)
Aluminum
Brass
Side length of sensing object: d (mm)
X
3.5
3
2.5
2
1.5
1
0.5
0
10
20
30
40
50
d
×
d
t = 1 mm
Stainless
steel
(SUS304)
Iron
Aluminum
Brass
Side length of sensing object: d (mm)
X
8
7
6
5
4
3
2
1
0
10
20
30
40
50
d
×
d
t = 1 mm
Stainless
steel
(SUS304)
Iron
Aluminum
Brass
Side length of sensing object: d (mm)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com