Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC P2CF-08 Datasheet HTML 10Page - Omron Electronics LLC P2CF-08 Datasheet HTML 11Page - Omron Electronics LLC P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
12
E2C/E2C-H
The E2C-AK4A supports relay and transistor/photocoupler outputs, and the E2C-AM4A supports both NPN and PNP open-collector output. They can be connected to
a wide variety of load types and power polarities.
Nomenclature and Timing Charts
Amplifier Units
Model
E2C-AK4A
E2C-AM4A
Load
DC load
• Relay
• Solenoid
Solid-
state
load
Current-sinking
load (photocou-
pler)
• Programmable
Controller
• Sensor
Controller
Voltage loads
(logic circuit)
E2C-G
@4A
E2C-JC4A
1
Tc
2
Ta
Load
Power
supply
Amplifier Unit
Relay output
DC or
AC
8
(12 to 24 V)
2
1
(0 V)
7
IL
*
Amplifier Unit
NPN output
PNP Output
200 mA max.
* Use 40 V maximum when connecting the load to a separate
power supply.
Load
Load
6
5
IL
Load
Amplifier Unit
Transistor/photocoupler output
50 mA max.
* For a current-sourcing load, connect to the negative side of the
transistor/photocoupler output.
1
7
(0 V)
(12 to 24 V)
8
IL
Amplifier Unit
2 (PNP output)
NPN output
200 mA max.
* For a current-sourcing load, connect the PNP output.
Load
(0 V)
7
6
5
Amplifier Unit
Transistor/photocoupler output (12 to 24 V)
(12 to 24 V)
8
2
(0 V)
7
Amplifier Unit
PNP Output
NO
NC
Present
Not present
ON
OFF
Operation switch
Sensing object
Detection indicator (red)
Transistor output
(voltage output)
ON
OFF
Timing Chart
Changes
NO/NC.
Detection indicator (red)
Operation
switch
Sensing distance adjuster
(4-turn potentiometer)
40 ms
40 ms
NO
NC
Present
Not present
ON
OFF
ON
OFF
ON
OFF
Operation switch
Sensing object
Detection indicator (red)
Output transistor
Note: Terminals shorted:
OFF-delay operation
enabled.
Output transistor
Note: Terminals open:
OFF-delay operation
disabled.
Timing Chart
Detection
indicator
(red)
Operation
switch
Changes
NO/NC.
Sensing distance
adjuster
Stability indicator
(green)
OFF-delay
operation
terminals
Mounting
screw



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com