Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 2Page - Omron Electronics LLC P2CF-08 Datasheet HTML 3Page - Omron Electronics LLC P2CF-08 Datasheet HTML 4Page - Omron Electronics LLC P2CF-08 Datasheet HTML 5Page - Omron Electronics LLC P2CF-08 Datasheet HTML 6Page - Omron Electronics LLC P2CF-08 Datasheet HTML 7Page - Omron Electronics LLC P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC P2CF-08 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
6
E2C/E2C-H
Cable Lengths for Sensor-Amplifier Unit Combinations
Standard Models
Note: The standard cable length is 3 m. Models with 5-m or 10-m are manufactured upon order.
* Refer to page 14 for the operation of cable length switching.
Heat-resistant Models
Note: The standard cable length is 3 m. Models with 5-m are manufactured upon order.
Self-diagnostic Function
The self-diagnostic output transistor will turn ON in the following cases. (The output will turn ON for any of these conditions individually.)
(1) Sensor open circuit: Transistor will turn ON the instance there is an open circuit for the Sensor (including the cable).
(2) Detection:
The output will turn ON if a sensing object is within 93% to 100% of the sensing distance continuously for 0.3 s or longer (e.g.,
for sensing object position offset).
(3) No detection: The output will turn ON if a sensing object is within 100% to 107% of the sensing distance continuously for 0.3 s or longer (e.g.,
when background is influencing detection).
Indicators
• The detection indicator lights when a sensing object approaches the
sensing distance to indicate that a sensing object has been detected.
• The stability indicator lights when the sensing object approaches within
93% of the sensing distance or moves away from 107% of the sensing
distance to indicate a stable sensing or non-sensing condition.
Sensor
E2C-CR8A E2C-CR8B
E2C-X1A
E2C-C1A
E2C-
X1R5A
E2C-X2A
E2C-X5A
E2C-X10A
E2C-
C20MA
Amplifier Units
E2C-GE4A
Restricted to 3 m.
---
---
---
---
E2C-GF4A
---
---
---
---
E2C-WH4A
Restricted to 3 m or 5 m.
Set cable length switch to desired position. *
---
---
---
---
E2C-JC4AP
1 to 3 m: Short cable length terminals *
3 to 5 m: Open cable length terminals *
---
---
---
E2C-JC4A
Restricted to 3 m.
---
---
---
E2C-AM4A
0 to 5 m
Set cable length switch to desired position. *
0 to 10 m
Set cable length switch to desired position. *
E2C-AK4A
Sensor
E2C-X1R5AH
E2C-X2AH
E2C-X5AH
Amplifier Units
E2C-JC4CH
Set 3 m/5 m cable length switch to desired position.
E2C-JC4DH
E2C-JC4EH
Sensor Open Circuit
Sensor Connected
ON
OFF
ON
OFF
ON
OFF
ON
OFF
Red
Red
Green
Open circuit
eliminated
Open
circuit
Open circuit
eliminated
Open
circuit
Sensing object
Control output
(NO)
Self-diagnostic
output
Detection indicator
(red)
Stability indicator
(green)
Present
None
ON
OFF
ON
OFF
ON
OFF
ON
OFF
Green
Green
Green
Red
Sensing distance:
Approx. 107%
Set distance:
100%
Approx. 97%
Control output
(NO)
Self-diagnostic
output
Detection indicator
(red)
Stability indicator
(green)
Time
0.3 s min.
0.3 s min.
Note: When the E2C-X2A Sensor is used, 93% is 96% and 107% is 104%.
* The self-diagnostic output may turn ON if the sensing objects moves a low
speed. In actual application, include an ON-delay timer circuit or other
suitable measure.
**
Set distance
× Approx. 1.07*
Detection
indicator (red)
Stability indicator
(green)
Set distance
× Approx. 0.93*
Set distance
OFF
OFF
* When the E2C-X2A Sensor is used,
107% is 104% and 93% is 96%.
ON
ON
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com