Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 16 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 16 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC P2CF-08 Datasheet HTML 17Page - Omron Electronics LLC P2CF-08 Datasheet HTML 18Page - Omron Electronics LLC P2CF-08 Datasheet HTML 19Page - Omron Electronics LLC P2CF-08 Datasheet HTML 20Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 23 page
background image
16
E2C/E2C-H
● Mounting
Mounting the Amplifier Unit
E2C-JC4A, E2C-JC4
@H
Lengthwise Mounting
(1)Secure the Mounting Bracket with the enclosed M3 screws.
(2)Slide the protrusion on the Amplifier Unit into the holes on the
Mounting Bracket.
(3)Secure the Amplifier Unit with mounting screws.
(4)Secure the cover to the case.
Mounting to the Side
(1)Remove the cover screw and mounting screw.
(2)Attached the enclosed M3 screw to the cover and secure the cover
to the case.
(3)Secure the Amplifier Unit with M3 screws from the side.
E2C-WH4A
Mounting Method
(1)Mount to DIN Track as shown in the following diagram.
(2)Hook part (A) at the top of the Amplifier Unit on the DIN Track first
and then press in on the Amplifier Unit in the direction indicated by
(B).
Removing the Amplifier Unit
(3)Pull down on the track stopper (C) with a flat-blade screwdriver and
then remove the Amplifier Unit from the DIN Track. When using
DIN standard 35 track, keep other devices on the track separated
from the Amplifier Unit by at least 30 mm to facilitate mounting and
removal.
4
2
1
M3
3
Mounting
base
Mounting
screw
M3 screw
Mounting
Bracket
M3
3
2
1
M3 screws
M3 screw
Mounting screw
Cover screw
Mounting base
O
N 'T TOU
After completing adjustments, attach the
enclosed caution label over the adjustment
holes to prevent adjustment mistakes.
(B)
(A)
DIN Standard 35 Track
(PFP-100N or PFP-100N2)
(C)
30 mm min.
30 mm min.
Track stopper
(white)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com