Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 13 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 13 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC P2CF-08 Datasheet HTML 10Page - Omron Electronics LLC P2CF-08 Datasheet HTML 11Page - Omron Electronics LLC P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC P2CF-08 Datasheet HTML 17Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
E2C/E2C-H
13
E2C-JC4AP
E2C-WH4A
E2C-JC4CH, E2C-JC4DH, E2C-JC4EH
40 ms
40 ms
NO
NC
Present
Not present
ON
OFF
ON
OFF
ON
OFF
Operation mode selector
Detection
indicator
(red)
Timer switch: ON
(OFF-delay operation
enabled.)
Timer switch: OFF
(OFF-delay operation
disabled.)
Timing Chart
Changes
NO/NC.
ON: 40 ms
OFF: No delay
Detection
indicator
(red)
Operation
switch
Sensing distance
adjuster
Timer switch
Stability indicator
(green)
Cable length
compensation
terminals
Mounting screw
Sensing object
NO
NC
Present
Not present
ON
OFF
ON
OFF
Operation switch
Detection
indicator (red)
Transistor
output
Timing Chart
Changes NO/NC.
Switched between
3 and 5 m.
Cable length
compensation
switch
Operation
switch
Detection
indicator (red)
Sensing
distance
adjuster
(4-turn
potentiometer)
Sensing object
Sensing
distance
adjuster
Cable length
compensation
switch
Detection
indicator (red)
Mode selector
Hood mounting
screw
Present
Not present
ON
OFF
ON
OFF
Sensing object
Detection indicator
Output transistor
Present
Not present
ON
OFF
ON
OFF
Sensing object
Detection indicator
Output transistor
Timing Chart
NO
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com