Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC P2CF-08 Datasheet HTML 17Page - Omron Electronics LLC P2CF-08 Datasheet HTML 18Page - Omron Electronics LLC P2CF-08 Datasheet HTML 19Page - Omron Electronics LLC P2CF-08 Datasheet HTML 20Page - Omron Electronics LLC P2CF-08 Datasheet HTML 21Page - Omron Electronics LLC P2CF-08 Datasheet HTML 22Page - Omron Electronics LLC P2CF-08 Datasheet HTML 23Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
20
E2C/E2C-H
6
12
2.5
3.5
14
Two, 3.3 dia.
30
M2.6
5
(10)
10
60
43
50
5.5
3
27
35
2
3.4
2
(11.1) 11
16
±0.2
R1.7
Mounting Bracket (removable)*2
Cable*3
*1. After completing adjustments, attach the caution label to prevent adjustment mistakes
*2. Not required when mounting to DIN Track.
*3. 4-dia. vinyl-insulated round cable with 3 conductors (Conductor cross section: 0.2 mm
2, Insulator diameter:
1.2 mm), Standard length: 2 m
The cable can be extended up to 200 m (separate metal conduit).
Detection indicator (red)
Cable length compensation switch
Mode selector
Caution Label (Provided)
attachment location*1
Sensitivity adjuster
Mounting Bracket
E2C-JC4
@H
E2C-WH4A
(12.5)
50
*
4.5
75
75
71
80
(1)
22.5
12.5
13
62.5 66
Two, M4 screw mounting holes
DIN Track
mounting surface
*Connector for E2C-WH4AF and S3D8.
Detection
indicator (red)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com