Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 17 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 17 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC P2CF-08 Datasheet HTML 17Page - Omron Electronics LLC P2CF-08 Datasheet HTML 18Page - Omron Electronics LLC P2CF-08 Datasheet HTML 19Page - Omron Electronics LLC P2CF-08 Datasheet HTML 20Page - Omron Electronics LLC P2CF-08 Datasheet HTML 21Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
E2C/E2C-H
17
E2C-A
@4A
Using P2CF-11, P2CF-08
When aligning the Amplifier Unit vertically with the Socket, consider
the space required for the hooks and allow a leeway of about 20 mm
above and below the Amplifier Unit.
Mounting Embedded in a Panel
(1)When using the Y92F-30 Embedded Mounting Adapter, insert the
Amplifier Unit into a square hold in the panel, attach the Adapter
from the back and press in to reduce the gap with the panel. Then
secure the Adapter with the screws.
(2)When using the Y92F-70 or Y92F-71 Embedded Mounting
Adapter, just press the Amplifier into a square hole in the panel. If
the panel coating is too thick and the hooks do not lock in place,
spread the hooks from the back by pushing in the directions of the
arrows.
Removing the Amplifier Unit
• When the Amplifier Unit is mounted using the Y92F-30, loosen the
screws on the adapter, spread the hooks at the top and bottom, and
remove the Adapter.
• Using Y92F-70, Y92F-71
Press in on the hooks with your thumb and forefinger and press
forward on the Amplifier Unit.
● Wiring
Self-diagnostic Output
When not using the self-diagnostic output, connect the orange wire to
0 V or cut it and wrap it with insulation tape so that it does not come
into contact with other terminals.
● Miscellaneous
The sensor does not have a water-resistant structure. Do not use it
where it would be subjected to water or water vapor.
P2CF-11
P2CF-08
20
Hook
Duct or
other object
Panel
Y92F-30
Panel
Insert the Amplifier Unit and
then spread the hooks.
Insert the Sensor and then
spread the hooks.
Panel
Hook



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com