Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 22 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 22 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC P2CF-08 Datasheet HTML 16Page - Omron Electronics LLC P2CF-08 Datasheet HTML 17Page - Omron Electronics LLC P2CF-08 Datasheet HTML 18Page - Omron Electronics LLC P2CF-08 Datasheet HTML 19Page - Omron Electronics LLC P2CF-08 Datasheet HTML 20Page - Omron Electronics LLC P2CF-08 Datasheet HTML 21Page - Omron Electronics LLC P2CF-08 Datasheet HTML 22Page - Omron Electronics LLC P2CF-08 Datasheet HTML 23Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 22 / 23 page
background image
22
E2C/E2C-H
Back Connection Sockets
Embedded Mounting Adapter (for E2C-AK4A/E2C-AM4A Amplifier Unit)
P3G-08
17
4.9
45
45
7
8
1
2
6
5
4
3
27 dia.
Terminal Arrangement and
Internal Connections
(Bottom View)
P3GA-11
25.6
3
9
8
7
6
5
1
211 10
4
6.2
16.3
4.5
27 dia.
45
45
Terminal Arrangement and
Internal Connections
(Bottom View)
48
58
15
10.9
86.1
45+0.5
0
45+0.5
0
R: 0.5 max.
Panel
P3G-08 Back-
mounting Socket
Note 1. Suitable mounting panel thickness:
1 to 5 mm
Note 2. Check the direction of the Adapter,
which depends on whether
Amplifier Units are arranged
vertically or horizontally.
Mounting Hole Dimensions
Y92F-30
Y92F-70
45
±0.15
45
±0.15
58
88
10.9
86.1
65 to 66
76
±0.2
52 to 53
R: 0.5 max.
Adapter mounting holes: Two, 4.5-dia.
Panel
P3G-08 Back-
mounting Socket
Note: Suitable mounting panel thickness:
1 to 3.2 mm
Mounting Hole Dimensions
Y92F-71
50+0.2
0
45
±0.2
43
±0.2
68
56
58
10.9
86.1
55+0.5
0
45+0.5
0
R: 0.5 max.
Panel
P3G-08 Back-
mounting Socket
Note: Suitable mounting panel thickness:
1 to 3.2 mm
Mounting Hole Dimensions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com