Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P2CF-08 Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # P2CF-08
Description  Separate Amplifier Sensor with Sensitivity Adjustment
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P2CF-08 Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button P2CF-08 Datasheet HTML 7Page - Omron Electronics LLC P2CF-08 Datasheet HTML 8Page - Omron Electronics LLC P2CF-08 Datasheet HTML 9Page - Omron Electronics LLC P2CF-08 Datasheet HTML 10Page - Omron Electronics LLC P2CF-08 Datasheet HTML 11Page - Omron Electronics LLC P2CF-08 Datasheet HTML 12Page - Omron Electronics LLC P2CF-08 Datasheet HTML 13Page - Omron Electronics LLC P2CF-08 Datasheet HTML 14Page - Omron Electronics LLC P2CF-08 Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
E2C/E2C-H
11
Load Connections
Note: The E2C-WH4A supports both NPN and PNP open-collector output. It
can be connected to a wide variety of load types and power polarities.
Model
E2C-JC4A, E2C-JC4
@H
Load
DC load
• Relay
• Solenoid
Current-sink-
ing load
• Program-
mable
Controller
• Sensor
Controller
Voltage load
(logic circuit)
Load
Brown
Black
Blue
4.7 k
Brown
Black
Blue
Interface circuits
Logic circuit
12 to 24 VDC
+V
To next stage
0 V
Model
E2C-WH4A
Load
DC load
• Relay
• Solenoid
Solid-state
load
• Program-
mable
Controller
• Sensor
Controller
(S3D8)
Voltage load
(logic circuit)
6
5
(12 to 24 V)
0 V
7
*
8
*
IL
Load
Load
PNP
Output
NPN
output
200 mA max.
* Use 40 V maximum when connecting the load to a
separate power supply.
7
5
0 V
6
(12 to 24 V)
8
IL
*
Load
NPN output
200 mA max.
* For a current-sourcing load, connect the PNP output.
8
6
5
(12 to 24 V)
0 V
7
PNP
output
Model
E2C-GE4A
Load
DC load
• Relay
• Solenoid
Solid-state load
• Programma-
ble Control-
ler
• Sensor
Controller
Voltage load
(logic circuit)
Remarks
When connecting to a CMOS IC or TLL, provide an interface circuit as shown
above and connect to the solid-state circuit in the next stage.
9
14
13
Load
Amplifier Unit
9
Tr
VV
: 3V
4.7 K ¼W
4.7K ¼W
4.7 K
¼W
+V
12 to 24 V
−V (0 V)
14
13
Amplifier Unit
To next stage
Interface circuits
Solid-state circuit
0.0022
µ
IC: 20 mA max.
HFE: 50 mA max.
VCED: 30 V min.
Tr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com