Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121BELECTRONICS Datasheet(PDF) 9 Page - Hynix Semiconductor

Part # HB7121BELECTRONICS
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121BELECTRONICS Datasheet(HTML) 9 Page - Hynix Semiconductor

Back Button HB7121BELECTRONICS Datasheet HTML 5Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 6Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 7Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 8Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 9Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 10Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 11Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 12Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 13Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
HB7121B
Electronics Industries Co., Ltd.
CMOS IMAGE SENSOR
System IC Division
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21991011R_1.0
- 9 -
1999 Hyundai System IC Division
PRELIMINARY
Register map
Register Name
address
7
6
5
4
3
2
1
0
Mode A
00h
model_name
rev_num
Mode B
01h
oper_mode
data_type
hs_out
scr_size
shot
int_sel
Mode C
02h
reserved
sw_enb
pwr_dn
color
reserved
Row Start Address High
10h
reserved
r_ad[8]
Row Start Address Low
11h
r_ad[7:0]
Column Start Address High
12h
reserved
c_ad[8]
Column Start Address Low
13h
c_ad[7:0]
Window Height Address High
14h
reserved
h_ad[8]
Window Height Address Low
15h
h_ad[7:0]
Window Width Address High
16h
reserved
w_ad[8]
Window Width Address Low
17h
w_ad[7:0]
HSYNC Blanking Time High
20h
h_blank[15:8]
HSYNC Blanking Time Low
21h
h_blank[7:0]
VSYNC Blanking Time High
22h
v_blank[15:8]
VSYNC Blanking Time Low
23h
v_blank[7:0]
Integration Time High
25h
int_time[23:16]
Integration Time Middle
26h
int_time[15:8]
Integration Time Low
27h
int_time[7:0]
Master Clock Divider
28h
reserved
clk_div[3:0]
Reset Level Control
30h
rst_level[5:0]
Red Color Gain
31h
reserved
red_color[5:0]
Green Color Gain
32h
reserved
green_color[5:0]
Blue Color Gain
33h
reserved
blue_color[5:0]
Pixel Bias Voltage
34h
reserved
pixel_bias[3:0]
Red Offset Gain Control
50h
reserved
red_offset[6:0]
Green Offset Gain Control
51h
reserved
green_offset[6:0]
Blue Offset Gain Control
52h
reserved
blue_offset[6:0]
Low Reference Number High
57h
low_ref_no[15:8]
Low Reference Number Low
58h
low_ref_no[7:0]
High Reference Number High
59h
high_ref_no[15:8]
High Reference Number Low
5Ah
high_ref_no[7:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com