Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121BELECTRONICS Datasheet(PDF) 7 Page - Hynix Semiconductor

Part # HB7121BELECTRONICS
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121BELECTRONICS Datasheet(HTML) 7 Page - Hynix Semiconductor

Back Button HB7121BELECTRONICS Datasheet HTML 3Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 4Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 5Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 6Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 7Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 8Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 9Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 10Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 11Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 29 page
background image
HB7121B
Electronics Industries Co., Ltd.
CMOS IMAGE SENSOR
System IC Division
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume any
responsibility for use of circuits described. NO patent licenses are implied.
DA21991011R_1.0
- 7 -
1999 Hyundai System IC Division
PRELIMINARY
PIN CONFIGURATION (48 pin CLCC)
Pin9~16, Pin19~20, Pin33~41 : No Connection
PIN NO.
NAME
PIN NO.
NAME
1
SCK
26
DGND
2
DGND
27
DATA3
3
ENB
28
DATA2
4
DGND
29
DATA1
5
MCLK
30
DATA0
6
VDD5
31
DVDD
7
AVDD
32
DGND
8
AGND
42
DVDD
17
AGND
43
RESET
18
AVDD
44
VSYNC
21
DGND
45
HSYNC
22
DATA7
46
DGND
23
DATA6
47
SDA
24
DATA5
48
DGND
25
DATA4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com