Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121BELECTRONICS Datasheet(PDF) 14 Page - Hynix Semiconductor

Part # HB7121BELECTRONICS
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121BELECTRONICS Datasheet(HTML) 14 Page - Hynix Semiconductor

Back Button HB7121BELECTRONICS Datasheet HTML 10Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 11Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 12Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 13Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 14Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 15Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 16Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 17Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 18Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
HB7121B
Electronics Industries Co., Ltd.
CMOS IMAGE SENSOR
System IC Division
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21991011R_1.0
- 14 -
1999 Hyundai System IC Division
PRELIMINARY
(5) Column start address Register
(Higher byte
:
Address 12h,
default : 00h,
R/W)
(Lower byte
:
Address 13h,
default : 06h,
R/W)
Define window start position column address of display window. Should be programmed with value
between 6 and 406.
(6) Window Height address Register
(Higher byte
:
Address 14h,
default : 01h,
R/W)
(Lower byte
:
Address 15h,
default : 2Eh,
R/W)
Define display window height. If you need smaller display window height, decrease the value.
Window end position row address = row start address + window height address –1
(7) Window width address Register
(Higher byte
:
Address 16h,
default : 01h,
R/W)
(Lower byte
:
Address 17h,
default : 92h,
R/W)
Define display window width. If you need smaller display window width, decrease the value.
Window end position column address = column start address + window width address -1
Note : Display window programming.
< Display Window Programming >
The 400*300 resolution chip can read any user specific window area within active window area.
This is called panning function. For this function, ‘ row start’ , ‘ column start’ , ‘ width’ , and ‘ height’
can be programmed with four sets of register pair.
n
FRS
:
Frame Row Start
n
FCS
:
Frame Column Start
n
FWH :
Frame window Height
n
FWW :
Frame Window Width



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com