Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121BELECTRONICS Datasheet(PDF) 12 Page - Hynix Semiconductor

Part # HB7121BELECTRONICS
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121BELECTRONICS Datasheet(HTML) 12 Page - Hynix Semiconductor

Back Button HB7121BELECTRONICS Datasheet HTML 8Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 9Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 10Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 11Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 12Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 13Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 14Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 15Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 16Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 29 page
background image
HB7121B
Electronics Industries Co., Ltd.
CMOS IMAGE SENSOR
System IC Division
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21991011R_1.0
- 12 -
1999 Hyundai System IC Division
PRELIMINARY
n Mode B[2] : scr_size(screen size select) <default value : 1b>
Flexible screen size is very useful for customer. If the scr_size is set to high, i.e. window
mode, only pixels in windowed area defined by register 10h ~ 17h can be read . But scr_size
is set to low state, i.e. full screen mode, all pixels in the sensor are read out regardless the
values of register 10h ~ 17h. We can select window mode or full screen mode with this bit. Full
screen size is only for chip test.
- window start point :
x : row start address (register 10h, 11h)
y : column start address (register 12h, 13h)
- window end point :
x : row start address + window width address (register 14h, 15h) - 1
y : column start address + window height address (register 16h, 17h) –1
n Mode B [1] : shot(shot mode) <default value : 0b>
User can select continuous frame mode or snapshot mode according to application.
At the continuous frame mode, pixel data output is updated every VSYNC period. In order to
set snapshot mode, it this bit to ‘ 1’ . In that case, just single frame of pixel data will be read out,
then the sensor stops operation. Snapshot mode can be used for the digital still camera
applications.
n Mode B[0] : int_sel(integration time unit select) <default value : 0b>
This bit defines integration time unit i.e. line base or pixel clock base.
Default mode is line unit integration but at the bright condition or if you need precise exposure
time control, pixel mode is recommended. This bit related to integration time register 25h, 26h,
and 27h.
<Note>
Actual integration time can be calculated using three integration time registers and pixel clock
period.
In pixel mode, integration time = (25h, 26h, 27h) * number of pixel period.
In line mode, integration time = (26h, 27h) * number of pixel per line * pixel period.
(cf) number of pixel per line = 414 + HSYNC duration value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com