Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121BELECTRONICS Datasheet(PDF) 17 Page - Hynix Semiconductor

Part # HB7121BELECTRONICS
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121BELECTRONICS Datasheet(HTML) 17 Page - Hynix Semiconductor

Back Button HB7121BELECTRONICS Datasheet HTML 13Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 14Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 15Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 16Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 17Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 18Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 19Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 20Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 21Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 29 page
background image
HB7121B
Electronics Industries Co., Ltd.
CMOS IMAGE SENSOR
System IC Division
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21991011R_1.0
- 17 -
1999 Hyundai System IC Division
PRELIMINARY
(9) VSYNC Blanking Time Register
(Higher byte
:
Address 22h,
default : 00h,
R/W)
(Lower byte
:
Address 23h,
default : 03h,
R/W)
The VSYNC blank, and time defines VSYNC active duration in pixel unit .
<Note>
HSYNC blanking, VSYNC blank are used to fit the CMOS sensor display timing to external timing
requirements.
(10) Integration time Register
(High
byte :
Address 25h,
default : 00h,
R/W)
(Middle byte
:
Address 26h,
default : 01h,
R/W)
(Low
byte :
Address 27h,
default : f4h,
R/W)
Each pixel has a photo diode in which the incoming photons are converted to electrons. Integration
time mean exposure time so these registers defines exposure time.
According to settings int_sel of Mode B register, the integration time is controlled with line or pixel
unit. Small value means short exposure time and large value means long exposure time for bright
condition.
The value should be large for dark condition. Default value setting 500 lines, this value is useful for
normal office condition. If you stay in outdoor condition, this value should be decreased. But under
dark condition, this value should be increased to get a good image quality. Increasing value may
decrease frame rate. Finally, integration time is very important for frame rate and image quality.
For line mode exposure, register 26h and 27h are used. For pixel mode exposure, all three register
25h ~ 27h are used. To control exposure time precisely, the pixel mode should be used. This register
may be used for Auto Exposure control.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com