Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121BELECTRONICS Datasheet(PDF) 16 Page - Hynix Semiconductor

Part # HB7121BELECTRONICS
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121BELECTRONICS Datasheet(HTML) 16 Page - Hynix Semiconductor

Back Button HB7121BELECTRONICS Datasheet HTML 12Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 13Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 14Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 15Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 16Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 17Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 18Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 19Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 20Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
HB7121B
Electronics Industries Co., Ltd.
CMOS IMAGE SENSOR
System IC Division
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21991011R_1.0
- 16 -
1999 Hyundai System IC Division
PRELIMINARY
< Pixel Array Structure >
(8) HSYNC Blanking Time Register
(Higher byte
:
Address 20h,
default : 00h,
R/W)
(Lower byte
:
Address 21h,
default : 03h,
R/W)
The HSYNC blanking time defines HSYNC low duration between data valid HSYNC high, pixel unit .
HSYNC low duration is HSYNC blanking time plus twelve in pixel unit for example, default HSYNC
low duration is 15 pixels because register value is 3.
It’ s used to change duration between current line end and next line start.
+1 : dummy area
+1 : interpolation area
+3 : margin for metal 3 slope
+2 : optical block zone
+1 : dummy zone for set of color pattern
pixel array : 400 * 300
total pixel : 416 * 316
B
G
G
B
R
G
- - - -
- - - -
R
G
R
G
G
B
active window area (402 * 302)
accessible address range(414 * 314)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com