Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121BELECTRONICS Datasheet(PDF) 11 Page - Hynix Semiconductor

Part # HB7121BELECTRONICS
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121BELECTRONICS Datasheet(HTML) 11 Page - Hynix Semiconductor

Back Button HB7121BELECTRONICS Datasheet HTML 7Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 8Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 9Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 10Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 11Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 12Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 13Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 14Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 15Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
HB7121B
Electronics Industries Co., Ltd.
CMOS IMAGE SENSOR
System IC Division
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21991011R_1.0
- 11 -
1999 Hyundai System IC Division
PRELIMINARY
n Mode B [5:4] : data_type(data types) <default value : 00b>
These bits define output pixel data types. For Correlated Double Sampling(CDS), every the
pixel of image sensor are measured twice, reference and data respectively, and reference
values or data values can be read out through pixel data pins selectively using these control
bits. To remove the noise caused by circuit, i.e. Fixed Pattern Noise, the image sensor
performs the CDS in default value. Three output data types are supported as follows.
Bit
Output data type
00
Data level - Reference level
01
Reference level
10
Data level
11
Reserved
n Mode B[3] : hs_out(HSYNC output configuration) <default value : 0b>
This bit offers two types output style about HSYNC signal. HSYNC only mode and HSYNC &
internal clock mode. If the hs_out is set to one, HSYNC output signal is ANDed signal of
internal pixel clock and data valid. Otherwise HSYNC output pin keep data high state during
valid output period. When HSYNC & internal clock mode is set, HSYNC output can be used
as a pixel data output clock.
data valid
MUX
HSYNC
pixel clock
Mode B[3]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com