Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121BELECTRONICS Datasheet(PDF) 15 Page - Hynix Semiconductor

Part # HB7121BELECTRONICS
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121BELECTRONICS Datasheet(HTML) 15 Page - Hynix Semiconductor

Back Button HB7121BELECTRONICS Datasheet HTML 11Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 12Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 13Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 14Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 15Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 16Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 17Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 18Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 19Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 29 page
background image
HB7121B
Electronics Industries Co., Ltd.
CMOS IMAGE SENSOR
System IC Division
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21991011R_1.0
- 15 -
1999 Hyundai System IC Division
PRELIMINARY
Panning window can be programmed as below.
Note 1) Accessible pixel array size is 402*302.
The edge of accessible pixel array may be commonly dedicated for just color interpolation.
In the case of a color image sensor the interpolation is needed to get all R,G,B color value for
each pixel from a Bayer color image.
So one more extra pixel line is needed at the edge of pixel array that you want to be displayed.
That is, to make 400*300 effective window, 402*302 pixel array necessary.
You have to consider this interpolation line when you program the ‘ Frame register’ .
For example, if you want to get 300*250 image size, you have to program 302*252 to frame
register.
<Default window area>
FRSU, FRSL
6
FWHU, FWHL
302
FCSU, FCSL
6
FWWU, FWWL
402
manufacturer area
active window area
(413,313)
(407,307)
(0,0)
(6,6)
(0,313)
(413,0)
{FCSU, FCSL}
{FWWU, FWWL}
{FRSU, FRSL}



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com