Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HB7121BELECTRONICS Datasheet(PDF) 10 Page - Hynix Semiconductor

Part # HB7121BELECTRONICS
Description  CMOS IMAGE SENSOR With 8-bit ADC
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HB7121BELECTRONICS Datasheet(HTML) 10 Page - Hynix Semiconductor

Back Button HB7121BELECTRONICS Datasheet HTML 6Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 7Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 8Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 9Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 10Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 11Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 12Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 13Page - Hynix Semiconductor HB7121BELECTRONICS Datasheet HTML 14Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
HB7121B
Electronics Industries Co., Ltd.
CMOS IMAGE SENSOR
System IC Division
With 8-bit ADC
This document is a general product description and is subject to change without notice. Hyundai Electronics does not assume
any responsibility for use of circuits described. NO patent licenses are implied.
DA21991011R_1.0
- 10 -
1999 Hyundai System IC Division
PRELIMINARY
Register Set Descriptions
All register access can though the I
2C multi-byte read and write.
(1) Mode A Register (Address 00h, RO)
This register consist of a model name and revision number. The upper 4 bits is model_name [3:0] and
the lower 4 bits is rev_num[3:0]. For example it’ s value 12h, this mean 400*300 resolution and
revision2.0 chip.
< model_name >
< rev_num >
400*300 : 0001b
Rev. 2.0 : 0010b
(2) Mode B Register (Address 01h, default : 04h, R/W)
This register defines major operation mode of the chip.
n Mode B[7:6] : oper_mode(operating mode) <default value : 00b>
Define operating modes between normal operation and optical and function test operation.
Test operation mode is used for optical and function test. Except for default value, these bits
are reserved for manufacturer.
Bit
operating mode
00
Normal operation
01
Reserved
10
Reserved
11
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com