Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513AP Datasheet(PDF) 18 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 18 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 14Page - Hynix Semiconductor HDM8513AP Datasheet HTML 15Page - Hynix Semiconductor HDM8513AP Datasheet HTML 16Page - Hynix Semiconductor HDM8513AP Datasheet HTML 17Page - Hynix Semiconductor HDM8513AP Datasheet HTML 18Page - Hynix Semiconductor HDM8513AP Datasheet HTML 19Page - Hynix Semiconductor HDM8513AP Datasheet HTML 20Page - Hynix Semiconductor HDM8513AP Datasheet HTML 21Page - Hynix Semiconductor HDM8513AP Datasheet HTML 22Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
18
3. Technical Overview
3.1 Dual Channel Analog to Digital Converter
The block diagram shown below illustrates internal configuration of the Dual Channel ADC.
Baseband signals, in-phase(I) and quadrature phase(Q), which are generated by down converters,
are applied to the dual channel ADC and quantized to 6-bit digital codes respectively. The ADC is
optimized to allow AC coupled inputs with full scale input range of 1V + or - 10%. An LSB weight is
approximately 15.6 mV.
The full scale input analog conversion range (Vpp) is determined by the voltages of VTOP and
VBOT and simply equal to (VTOP - VBOT). The full scale range is defined as the voltage range that
accommodates 63 codes of equally spaced LSBs. Also the ADC supplies its own reference
voltages for A/D conversions. The voltages can be monitored by external reference pins. The
VTOP, VBOT represent top and bottom reference voltages respectively. REF_I, REF_Q represent
middle reference voltages for each channel. All these 4 reference voltage pins should be by-passed
to GND via 0.1uF capacitors. The values of internally generated voltage of VTOP and VBOT are
2.0V and 1.0V respectively. Vpp can be adjusted by externally applying voltages to both VTOP
and VBOT pins respectively when different conversion ranges are necessary. VTOP can be
adjusted as high as 2.3V and VBOT can be as low as 0.5V. A larger input range can be
established by taking VTOP higher and VBOT lower than on-chip generated voltages.
To supply necessary bias voltages for AC coupled applications, REF_I and REF_Q, which are
middle reference voltages for I and Q channel, are connected to the analog input pins (AIN_I and
AIN_Q ) respectively through 40 kohm resistors, as shown in the block diagram. For DC coupled
applications, these voltages can be used to feed back offset compensation signals.
To insure optimum performance, a low impedance analog ground plane is recommended and
should be separated from other digital ground planes. The analog power supplies should be by -
passed at device to analog ground through 0.1uF ceramic capacitors.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com