Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513AP Datasheet(PDF) 47 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 47 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 43Page - Hynix Semiconductor HDM8513AP Datasheet HTML 44Page - Hynix Semiconductor HDM8513AP Datasheet HTML 45Page - Hynix Semiconductor HDM8513AP Datasheet HTML 46Page - Hynix Semiconductor HDM8513AP Datasheet HTML 47Page - Hynix Semiconductor HDM8513AP Datasheet HTML 48Page - Hynix Semiconductor HDM8513AP Datasheet HTML 49Page - Hynix Semiconductor HDM8513AP Datasheet HTML 50Page - Hynix Semiconductor HDM8513AP Datasheet HTML 51Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 67 page
background image
47
11
Wideband AGC Control
Bit 0. Wideband AGC Mode
When this bit is set to one (Mode 0), the WB AGC output must be
filtered with an external integrating analog filter to implement a first order
feedback loop. When this bit is zero (Mode 1), a digital integrator within
the HDM8513A performs this function and the only external analog
function required is a low pass filter to remove the high frequency
components of the sigma delta converter output.
Bit 1. WB AGC Invert
When this bit is set to zero a high duty factor on the WB AGC output
corresponds to too much gain. When the control bit is set to one, high
duty factor corresponds to not enough gain.
Bit 2. WB AGC Hold
During normal tracking operation, this bit is set to one. When this bit is
set to zero and the wideband AGC is in Mode 1, the digital integrator is
held to the most recent value and loop updates are inhibited.
Bit 3. LNB Hold
When this bit is set to one, the output of LNB-Tone is held on zero.
Bit 4. I2C By-pass
When this bit is set to zero, SCL_I2CO and SDA_I2CO are disabled.
The default is one and Data/clock can be by -passed.
Bits [7:5]. WB AGC Gain
This three bit field defines the time constant of the WB AGC in Mode 1.
A value of zero corresponds to the shortest time constant and 7
corresponds to the slowest time constant.
12
LNB Tone
This eight bit value establishes the control for LNB tone generator. If fL
is the desired frequency and fC is the clock frequency, the value to be
stored in this 8 bit field is the integer portion of fL(2
17)/fC. The default
value(30H) generates 22KHz tone at 60MHz sampling clock.
13
Sigma Delta
This eight bit input value establishes the control for Sigma Delta
converter. This function is independent of other demodulator functions
and is provided as control for external analog components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com