Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513AP Datasheet(PDF) 25 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 25 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 21Page - Hynix Semiconductor HDM8513AP Datasheet HTML 22Page - Hynix Semiconductor HDM8513AP Datasheet HTML 23Page - Hynix Semiconductor HDM8513AP Datasheet HTML 24Page - Hynix Semiconductor HDM8513AP Datasheet HTML 25Page - Hynix Semiconductor HDM8513AP Datasheet HTML 26Page - Hynix Semiconductor HDM8513AP Datasheet HTML 27Page - Hynix Semiconductor HDM8513AP Datasheet HTML 28Page - Hynix Semiconductor HDM8513AP Datasheet HTML 29Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 67 page
background image
25
3.5 Autonomous Acquisition
The HDM8513A provides several features to permit signal acquistion with minimal interaction with
the host microcontroller. The host microcontroller must configure the HDM8513A for a specific
symbol rate, carrier frequency, carrier sweep conditions, and tracking loop bandwidth. The
microcontroller also must monitor lock status to determine when acquisition is achieved. There are
many provisions in the HDM8513A to enable the system designer to implement custom algorithms
for specific requirements.
The microcontroller first must set the lower edge of the carrier search range in the Carrier
Frequency registers (04, 05 and 06). Then the processor configures the Carrier Sweep Step Size
register (09, 0A) to a value which is less than two times the carrier pull-in range. The number of
symbols per dwell is defined in registers (0B,0C), and is typically set to a value of 500 to 1000.
The total search range is set by the Number of Search Frequencies as defined in register 0D. The
total sweep frequency range is this number times the Carrier Sweep Step Size. The sweep
process stops once QPSK carrier lock is detected. If no lock is detected, the sweep process
continuously repeats.
The QPSK demodulator may lock to any one of four different phase reference states, only one of
which produces true I and Q data as it was modulated at the transmitter. If the local phase
reference is plus 90 degrees or minus 90 degrees with respect to the true phase, the information
provided to the Viterbi decoder will be unintelligible. If the Viterbi decoder is unable to achieve valid
lock, it will reattempt lock with a 90 degree phase shift, without external intervention.
In the event that the local phase is 180 degrees from the true phase, the data provided to the
Viterbi decoder will be inverted, but otherwise valid. The code employed by the Viterbi decoder is
transparent, thus the data from the Viterbi decoder will be inverted if the input is inverted. This
situation is corrected in the word synchronization circuit. This circuit searches for the
unscrambled sync word which occurs once per frame (every 204 bytes at the Viterbi output). Once
correlation with the sync word is found, the data is reformatted as a series of bytes with the
beginning of each 204 byte frame identified to provide the synchronization information required for
the deinterleaver and the Reed Solomon decoder. If the polarity of the sync word is incorrect, the
data is inverted before further processing without external interaction.
The HDM8513A supports five different code rates, including 1/2, 2/3, 3/4, 5/6 and 7/8. When rate
1/2 is employed, there is a one-to-one correspondence between incoming I and Q samples and G1
and G2 terms required by the Viterbi decoder. The higher rates employ punctured coding
techniques which periodically cause either a G1 or G2 term to be deleted. The puncturing pattern
can have 6 possible ambiguity states for rate 2/3, 4 states for rate 3/4, 6 states for rate 5/6 and 8
states for rate 7/8. As part of the Viterbi decoding acquisition process, each puncturing state of
each code must be tested. Total acquisition requires search of 26 different conditions. The
process starts with rate 3/4 coding and proceeds sequentially to rate 2/3, 5/6, 7/8, and finally rate
1/2.
In some systems, it may be possible to experience spectral inversion. This might occur when
different combinations of LNBs and tuners are employed which implement different frequency
translation schemes. Correction of spectral inversion must be corrected with host processor
interaction. If the host processor detects that QPSK lock is achieved, but Viterbi lock has not
occurred within a specified time, then a bit must be set in the demodulator which reverses the
spectrum.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com