Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513AP Datasheet(PDF) 6 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 6 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 2Page - Hynix Semiconductor HDM8513AP Datasheet HTML 3Page - Hynix Semiconductor HDM8513AP Datasheet HTML 4Page - Hynix Semiconductor HDM8513AP Datasheet HTML 5Page - Hynix Semiconductor HDM8513AP Datasheet HTML 6Page - Hynix Semiconductor HDM8513AP Datasheet HTML 7Page - Hynix Semiconductor HDM8513AP Datasheet HTML 8Page - Hynix Semiconductor HDM8513AP Datasheet HTML 9Page - Hynix Semiconductor HDM8513AP Datasheet HTML 10Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 67 page
background image
6
1. Introduction to the HDM8513A
The HDM8513A digital demodulator for direct broadcast satellite receivers is a single chip solution fully
compliant with the European Telecommunications Standards Institute (ETSI) specification ETS 300
421. This chip integrates an A/D converter, a variable rate matched filter, a variable rate QPSK
demodulator with a Viterbi decoder, a deinterleaver and a Reed Solomon decoder.
The HDM8513A, which is implemented in a 0.35 micron CMOS, Triple Layer Metal Process, provides
variable rate capability while operating with a fixed frequency sampling clock. Digital samples of
baseband I and Q data are generated by an internal A/D converter, then provided to the demodulator at
a fixed sample rate. The root raised cosine filter is implemented internally with fully digital techniques.
Similarly, the symbol timing recovery and carrier phase tracking functions are performed entirely in the
digital domain. This approach provides minimum constraints on external circuits, thus reducing overall
system costs.
The HDM8513A may be configured by an external processor for a specific symbol rate, and carrier
frequency along with loop gain parameters. The HDM8513A provides an external AGC signal which is
used to control the gain of the analog signal which is applied to the down-converters. And it also
provides a digital AGC internally which controls the gain of the signal out of the matched filters. In
addition, the HDM8513A provides fully programmable sweep circuitry to aid in initial acquisition when
large frequency offsets may be present.
The digital frequency translation capability of the HDM8513A permits this part to be used in frequency
multiplexing applications. In this application, an entire transponder bandwidth containing many signals
is sampled at a fixed rate. The digital oscillator within the HDM8513A is programmed to the specific
desired carrier frequency within that band to permit the selected signal to be passed through the
baseband filter and processed by the demodulator circuits.
6
6
I
Q
Variable
Rate
QPSK
Demodulator
Viterbi
Decoder
Synchronization
and
Deinterleaving
Reed
Solomon
Decoder
8
Data Clock
Data
QPSK
Lock
Node
Sync
Fixed Rate
Sample Clock
3
3
Symbol Clock
Viterbi Bit Clock
Frame
Sync
8
Viterbi
Data
A/D
Converter
FIGURE 1: TOP LEVEL BLOCK DIAGRAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com