Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513AP Datasheet(PDF) 62 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 62 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 58Page - Hynix Semiconductor HDM8513AP Datasheet HTML 59Page - Hynix Semiconductor HDM8513AP Datasheet HTML 60Page - Hynix Semiconductor HDM8513AP Datasheet HTML 61Page - Hynix Semiconductor HDM8513AP Datasheet HTML 62Page - Hynix Semiconductor HDM8513AP Datasheet HTML 63Page - Hynix Semiconductor HDM8513AP Datasheet HTML 64Page - Hynix Semiconductor HDM8513AP Datasheet HTML 65Page - Hynix Semiconductor HDM8513AP Datasheet HTML 66Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 67 page
background image
62
A2. False Lock Escape Application Note
A QPSK signal will have inherent false lock states at frequency offsets of + or - n/4 of the symbol
rate. Most DBS signals which have symbol rates of 20M symbols-per-second or higher will not
experience false lock because the carrier frequency uncertainty is less than 1/4 of the symbol rate.
The HDM8513A is designed to process low data rate signals which may experience false lock,
particularly at high signal-to-noise ratio conditions. The HDM8513A will permit recovery from false
lock with some added host processor interaction. Specifically, the processor must initialize the
internal carrier frequency search hardware to search over a carrier frequency range of 1/4 of the
symbol rate. If QPSK lock is achieved, but no Viterbi lock is achieved, the processor would
assume this is a false carrier lock, then program the HDM8513A to search another carrier
frequency range covering 1/4 of the symbol rate. When both QPSK lock and Viterbi lock have
been achieved, the search is completed. This technique is reliable because the HDM8513A
utilizes a fixed frequency clock which is not subject to inaccuracy associated with analog VCOs.
This accuracy insures that the multiple search ranges are perfectly continuous with respect to
each other with no overlap.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com