Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513AP Datasheet(PDF) 48 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 48 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 44Page - Hynix Semiconductor HDM8513AP Datasheet HTML 45Page - Hynix Semiconductor HDM8513AP Datasheet HTML 46Page - Hynix Semiconductor HDM8513AP Datasheet HTML 47Page - Hynix Semiconductor HDM8513AP Datasheet HTML 48Page - Hynix Semiconductor HDM8513AP Datasheet HTML 49Page - Hynix Semiconductor HDM8513AP Datasheet HTML 50Page - Hynix Semiconductor HDM8513AP Datasheet HTML 51Page - Hynix Semiconductor HDM8513AP Datasheet HTML 52Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 67 page
background image
48
14
Test Set-up
The eight bit data written to this location defines the data presented on
the 16 bit test bus. For configurations where the data is updated once
per symbol period, the data changes at the rising edge of
SYMBOL_CLOCK
(in the case that SYMBOL_CLOCK remains high for consecutive
CLOCK
cycles, the test port data will also change accordingly during the high
period of SYMBOL_CLOCK due to the arrival of another symbol).
Bits [2:0]. Test port configuration
00H Output is tristate.
01H Test bits [15:8] provide the I baseband filter output. Test bits [7:0]
provide the Q baseband filter output. This information is updated once
per symbol period.
02H Test bits [15:0] provide the sixteen most significant bits of the
demodulator carrier phase test bits. This information is updated once
per
symbol period.
03H Test bits [15:0] provide the sixteen most significant bits of the
demodulator symbol phase test bits. This information is updated once
per
symbol period.
04H Test bits [15:8] provide the Reed Solomon output data. Test bits
[7:0] provide the deinterleaver output data. This information is updated at
the Reed Solomon clock rate; when the transport stream output is
configured to parallel output mode, DATA_CLK may be used as an
output clock for this data.
05H Test bits [15:10] provide the six bit narrowband AGC accumulator
value. Test bits [9:6] provide the four bit value of symbol phase. Test
bits [5:4] provide the two bit symbol count value. This information is
updated once per symbol period.
06H Test bits [13:8] provide the six bit I-channel data from the ADC.
Test bits [5:0] provides the six bit Q-channel data from the ADC. This
information is updated at the fixed rate sample clock.
07H In this mode the test pins are used as input pins. The internal
ADC is disabled, and the inputs at the test pins are fed directly to the
demodulator. Test bits [13:8] are used as I-channel input and test bits
[5:0] are used as Q-channel input. This information is updated at the
fixed rate sample clock.
Bit 3. Transport error Indicator Enable/Disable
Enables/Disables the transport error indicator,1 bit indicator in transport
header. When this bit is set to 1 and if transport error is internally
detected the transport error indicator bit is set to 1. When zero this
functionality is disabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com