Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513AP Datasheet(PDF) 30 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 30 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 26Page - Hynix Semiconductor HDM8513AP Datasheet HTML 27Page - Hynix Semiconductor HDM8513AP Datasheet HTML 28Page - Hynix Semiconductor HDM8513AP Datasheet HTML 29Page - Hynix Semiconductor HDM8513AP Datasheet HTML 30Page - Hynix Semiconductor HDM8513AP Datasheet HTML 31Page - Hynix Semiconductor HDM8513AP Datasheet HTML 32Page - Hynix Semiconductor HDM8513AP Datasheet HTML 33Page - Hynix Semiconductor HDM8513AP Datasheet HTML 34Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 67 page
background image
30
3.8 DBS Receiver
The HDM8513A DVB Demodulator including a dual A/D converter and the MPEG-2 decoder provide
the core digital processing technology for a DBS receiver conforming with the DVB standard.
8
Clock
Da ta
M C68306
(M C68340)
Host Proce ssor
L-B and
Tuner
4 80 MHz
Do wn-
convert er
Co arse Tuning Step Frequ ency Cont rol
L ow
Pa ss
Filter
WB
AGC
4 80 MHz
Loo p
Filter
SL171 0
Serial
Inter fa ce
BSFC77GV6
8
Conditional
Access
Inte rfa c e
AGC 2
AGC 1
Fixed F requencyP LL Control
3
IF
I
Q
HDM8513A
MPEG-2
Demultiplexer
DRAM
Video
Audio
FIGURE 21: TYPICAL SET TOP BOX DEMODULATOR
A tuner accepts an L-band RF input from the antenna/LNB assembly located outside the building.
A host processor controls the tuner to the nominal center frequency of the target signal. Baseband
I and Q outputs from the downconverter are applied to an A/D converter pair which is sampled at a
fixed rate, 60MHz as illustrated in this example. The tuner is required to filter the received
baseband signal to a bandwidth less than half the sampling rate, but is not required to perform
matched filtering.
Once the HDM8513A has locked to the target signal, the host processor may read the internal
registers to determine the steady state frequency error. This error would be used to make period
corrections to the programmed frequency of the tuner PLL.
The HDM8513A provides an output which can be used to control the analog AGC in the tuner. This
digital signal must be filtered and amplified before applying it to the AGC control element. When
the loop is closed, the signal applied to the A/D converters is optimally scaled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com