Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513AP Datasheet(PDF) 40 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 40 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 36Page - Hynix Semiconductor HDM8513AP Datasheet HTML 37Page - Hynix Semiconductor HDM8513AP Datasheet HTML 38Page - Hynix Semiconductor HDM8513AP Datasheet HTML 39Page - Hynix Semiconductor HDM8513AP Datasheet HTML 40Page - Hynix Semiconductor HDM8513AP Datasheet HTML 41Page - Hynix Semiconductor HDM8513AP Datasheet HTML 42Page - Hynix Semiconductor HDM8513AP Datasheet HTML 43Page - Hynix Semiconductor HDM8513AP Datasheet HTML 44Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 67 page
background image
40
5.4 I2C Mode
The HDM8513A utilizes the subaddress technique when the I2C mode is employed. In all cases,
the HDM8513A behaves as the slave device (transmitter or receiver), whilst the host behaves as
the master device. The seven bit slave address of the HDM8513A is user selectable, being defined
by the inputs to HI_DATA[6:0] when the HDM8513A is in I2C mode.
Further information on the I2C bus formats and protocols is contained in the Philips
Semiconductors I2C specification.
In a 100pin configuration, SDA_I2CO and SCL_I2CO are added to provide a by-passing function.
When I2C bypass bit is set to zero, SDA_I2CO and SCL_I2CO are disabled.
5.4.1 I2C Write to HDM8513A
The master initiates communication with the HDM8513A by generating a start condition and then
sending the HDM8513A the slave address defined by the seven bit hardwired address on HI_DATA
[6:0]. Per I2C convention, the eighth bit in the address byte is a read/not write bit, and should be
set to zero. The HDM8513A will acknowledge the correctly sent slave address, following which the
master sends an eight bit word address; this is the address of the first HDM8513A register to be
written to. Once the word address has been acknowledged by the HDM8513A, the master can
then transmit the byte to be written to the word address. Once this byte is acknowledged by the
HDM8513A, the word address is automatically incremented and further data bytes may be
transmitted by the master as necessary; one transmission may therefore contain a number of
bytes of data to be written to a sequential set of addresses (dummy bytes should be written to
addresses not defined in the HDM8513A register set to continue this process). The process is
terminated by the master generating a stop condition. Figure 25 depicts this protocol.
S
SLAVE ADDRESS 0 A
WORD ADDRESS A
P
7 Bits
8 Bits
acknowledgement
from slave
R/W
acknowledgement
from slave
acknowledgement
from slave
auto increment
memory word address
DATA BYTE
A
repeat if
necessary
S - Start Condition
A - Acknowledge
P - Stop Condition
FIGURE 26: I2C WRITE TO THE HDM8513A
5.4.2 I2C Read from the HDM8513A
To read information from the HDM8513A, the master must first write the desired word address.
Hence the master must first generate a start condition and transmit the seven bit HDM8513A slave
address defined on HI_DATA[6:0], with the eighth bit (read/not write) set to zero. Once this has
been acknowledged by the HDM8513A, the master transmits the first word address from which it
wishes to read information.
The master must then generate a second start condition and



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com