Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HDM8513AP Datasheet(PDF) 53 Page - Hynix Semiconductor

Part # HDM8513AP
Description  DVB/DSS Compliant Receiver
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

HDM8513AP Datasheet(HTML) 53 Page - Hynix Semiconductor

Back Button HDM8513AP Datasheet HTML 49Page - Hynix Semiconductor HDM8513AP Datasheet HTML 50Page - Hynix Semiconductor HDM8513AP Datasheet HTML 51Page - Hynix Semiconductor HDM8513AP Datasheet HTML 52Page - Hynix Semiconductor HDM8513AP Datasheet HTML 53Page - Hynix Semiconductor HDM8513AP Datasheet HTML 54Page - Hynix Semiconductor HDM8513AP Datasheet HTML 55Page - Hynix Semiconductor HDM8513AP Datasheet HTML 56Page - Hynix Semiconductor HDM8513AP Datasheet HTML 57Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 67 page
background image
53
1F
Clock Generation PLL Control
An integrated VCO is locked to MxN times a reference frequency
provided by a external clock
Bits [4:0]. N Divider ratio
It defines a feedback divider with a divider ratio N. The dafault is 15
(0FH).
Bit 5. M Divider ratio
It defines a reference divider with a divider ratio M. When this bit is set
to 1, the divider ratio M is 4. When this bit is set to 0, the divider ratio M
is 1. The default is 1.
Bit 6. PLL Enable
When this bit is set to 1, the generated clock of the PLL is connected
to the internal clock. When this bit is set to 0, the PLL is bypassed
and the external clock signal is directly connected to the internal
clock. The default is 0.
Bit 7. This bit should be fixed to zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com