Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82503 Datasheet(PDF) 8 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 8 Page - Intel Corporation

Back Button 82503 Datasheet HTML 4Page - Intel Corporation 82503 Datasheet HTML 5Page - Intel Corporation 82503 Datasheet HTML 6Page - Intel Corporation 82503 Datasheet HTML 7Page - Intel Corporation 82503 Datasheet HTML 8Page - Intel Corporation 82503 Datasheet HTML 9Page - Intel Corporation 82503 Datasheet HTML 10Page - Intel Corporation 82503 Datasheet HTML 11Page - Intel Corporation 82503 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 45 page
background image
82503
26 Mode Pins
Symbol
PLCC
QFP
Type
Name and Function
Pin
Pin
TPEAUI
2
40
IO
PORT SELECT
TTL inputLED output If APORT is low
TPEAUI is an input and selects either the TPE port (TPEAUI
high) or AUI port (TPEAUI low) If APORT is high the 82503 will
indicate the port selected by driving TPEAUI high (TPE) or low
(AUI) TPEAUI can drive an LED pull-up
APORT
3
41
I
AUTOMATIC PORT SELECTION
TTL input When high 82503
will automatically select TPE or AUI port based on presence of
valid link beats or frames on the TPE receive input Mode
selected will be indicated on TPEAUI
APOLXSQ
4
42
I
AUTOMATIC POLARITY CORRECTIONEXTENDED
SQUELCH ENABLE
TTL input When high the extended
squelch mode is disabled and automatic polarity correction is
enabled Both junctions (APOL and XSQ) are enabled when this
pin is at a high impedance state When low both functions
become disabled The presence of a polarity fault on the TPE
receive pair is indicated on POLED regardless of the state of
APOL
LID
38
32
I
LINK INTEGRITY DISABLE
TTL input If high link integrity
function is disabled If low link integrity function is enabled
CS0
5
43
I
CONTROLLER SELECT
Selects the appropriate interface for
the desired Ethernet controller When CS01 e 00 supports
CS1
8
2
I
Intel controllers When CS01 e 01 supports Fujitsu
controllers When CS01 e 10 supports Western Digital and
National controllers When CS01 e 11 supports AMD
controllers (See Table 2)
LPBK
11
5
I
LOOPBACK
TTL input An active low input signal that causes
the 82503 to enter diagnostic loopback mode The twisted pair
or AUI medium will be removed from the circuit thus isolating
the node from the network When not connected this pin
assumes the inactive (high) state Diagnostic loopback does not
disable the operation of the link integrity processor link beat
generator or automatic port selection
JABD
23
17
I
JABBER DISABLE
TTL input When high this pin disables the
jabber function When low the jabber function is enabled and
the device performs AUI or TP jabber protection for the active
port If this pin and TEST are asserted during a falling edge of
RESET the 82503 enters its low power mode when either this
pin or TEST deasserts then the 82503 transitions to its normal
operating mode
TEST
19
13
I
TEST MODE ENABLE
TTL input When TEST is high and
RESET is deasserted a customer test mode is directly
accessed When driven low test mode is disabled If this pin and
JABD are asserted during a falling edge of RESET the 82503
enters its low power mode when either this pin or JABD
deasserts then the 82503 transitions to its normal operating
mode
RESET
22
16
I
RESET
TTL input When high resets internal circuitry On the
falling edge of RESET either test mode or low power mode can
be entered depending on the state of JABD and TEST
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com