Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82503 Datasheet(PDF) 17 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 17 Page - Intel Corporation

Back Button 82503 Datasheet HTML 13Page - Intel Corporation 82503 Datasheet HTML 14Page - Intel Corporation 82503 Datasheet HTML 15Page - Intel Corporation 82503 Datasheet HTML 16Page - Intel Corporation 82503 Datasheet HTML 17Page - Intel Corporation 82503 Datasheet HTML 18Page - Intel Corporation 82503 Datasheet HTML 19Page - Intel Corporation 82503 Datasheet HTML 20Page - Intel Corporation 82503 Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 45 page
background image
82503
Table 3 Test and Low Power Mode Selection
RESET
TEST
JABD
TxLED(1)
RxLED(1)
COLED(1)
Mode Selected
v
0
X
X
X
X
Normal Mode
v
1
0
1
1
1
Cont Tx 10 MHz
v
1
1
X
X
X
Low Power
NOTE
1 A standard LED connection to these pins is sufficient to pull them to a logic 1
The port on which the continuous transmit appears
is determined by the APORT and TPEAUI pins If
automatic port selection is enabled (APORT e 1)
then the TPE port broadcasts the continuous trans-
mit If manual port selection is enabled (APORT e
0) then TPEAUI selects the port (1 for TPE 0 for
AUI) Test mode is disabled when TEST is deassert-
ed and the device is reset
50
APPLICATION EXAMPLE
51 Introduction
The 82503 is designed to work directly with the Intel
LAN controllers (82586 82590 82593 and 82596)
as well as AMD’s Am7990 National Semiconduc-
tor’s 8390 Western Digital’s 82C690 and Fujitsu’s
86950 The serial interface signals connect directly
between one of the aforementioned LAN controllers
and the 82503 without the need for external logic
This example is targeted toward interfacing the
82503 to the Intel 82596 in a two-port (TPEAUI)
application
52 Design Guidelines
AUI Pulse Transformer
In order to meet the 16V fault tolerance specification
of 8023 a pulse transformer is recommended for the
transmit receive and collision pairs The transformer
should be placed between the TRMT RCV and
CLSN pairs of the 503 and the DO DI and CI pairs
respectively of the AUI (DB-15 connector) The
pulse transformer should have a parallel inductance
of 75 mH minimum (100 mH recommended)
Several vendors stock such transformers Two pos-
sible vendors are
1 Pulse Engineering (PN PE-64103)
2 Valor Electronics (PN LT6003)
Terminating Resistors
The terminating resistors used across the receive
and collision pairs are recommended to be 787 X
g
1%
Analog Front-End
The 82503 provides six TPE pins (TDH TDH TDL
TDL RD and RD) that connect to the Analog Front
End through a resistor summing network (Figure 7)
AFE solutions can be made discretely or purchased
from several manufacturers Two different solutions
are described in Application Note 356 The example
shown here uses a Pulse Engineering AFE package
PE65434 which includes EMI filter isolation trans-
former and common mode choke The output of the
AFE connects directly to the 10BASE-T connector
(RJ-45)
Decoupling
It is recommended that 001 mF X7R and 0001 mF
NPO decoupling capacitors be placed between the
VCCA and VCCD of the 82503 to VSSA and VSSD
Clock Generation
The clock input to the 82503 can be from a clock
oscillator or a crystal If a clock oscillator is used X1
should be driven and X2 left floating If a crystal
oscillator is used refer to Section 31 for crystal
specifications
A complete 8259682503 TPEAUI Ethernet Solu-
tion is shown at the end of this section
53 Layout Guidelines
General
The analog section as well as the entire board itself
should conform to good high-frequency practices
and standards to minimize switching transients and
parasitic interaction between various circuits To
achieve this the following guidelines are presented
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com