Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82503 Datasheet(PDF) 21 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 21 Page - Intel Corporation

Back Button 82503 Datasheet HTML 17Page - Intel Corporation 82503 Datasheet HTML 18Page - Intel Corporation 82503 Datasheet HTML 19Page - Intel Corporation 82503 Datasheet HTML 20Page - Intel Corporation 82503 Datasheet HTML 21Page - Intel Corporation 82503 Datasheet HTML 22Page - Intel Corporation 82503 Datasheet HTML 23Page - Intel Corporation 82503 Datasheet HTML 24Page - Intel Corporation 82503 Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
82503
DC CHARACTERISTICS (TC e 0 Cto a85 C VCC e 5V g5% VCCA e 5V g5%) (Continued)
Symbol
Parameter
Min
Max
Units
Test Conditions
IOSC(AUI) AUI Output Short Circuit Current
g
150
mA
Short Circuit to VCC or GND
VU(AUI)
Output Differential Undershoot
b
100
mV
VODI(AUI) Differential Idle Voltage(11)
g
40
mV
ICC(HOT) Power Supply Current(12)
65
mA
APORT e 1
ICC
Power Supply Current
75
mA
APORT e 1
ICC
Power Supply Current
60
mA
APORT e 0
ICCSB
Standby Supply Current(13)
1
mA
Low Power Mode 20 mA Typical
PD (HOT) Power Dissipation(12)
038
W
APORT e 1 Continuous Transmission
on AUI
PD
Power Dissipation
040
W
APORT e 1 Continuous Transmission
on AUI
PDSB
Standby Power Dissipation(13)
525
mW
Low Power Mode 105 mW Typical
CIN(14)
Input Capacitance
10
pF
at f e 1 MHz
NOTES
11 Measured 80 ms after last positive transition of data packet
12 ICC HOT measurements made at TC ea85 C Additionally TRMT TRMT TDH TDH TDL TDL are loaded with 20 pF
and load resistors removed
13 Pins CS0 and CS1 connected to VCC or VSS through a 25 kX (or less) resistor ICCSB is typically at 20 mA after 30s
from power down assertionnot tested
14 Characterized not tested (Controller interface and mode pins only)
AC TIMING CHARACTERISTICS
290421 – 8
Figure 9 MOS Input Voltage Levels
(TTL Compatible) for Timing Measurements
(TxD RTS TPEAUI APORT APOLXSQ
LID LPBK JABD TEST and RESET)
290421 – 9
Figure 10 Voltage Levels for MOS Level
Output Timing Measurements
(TxC RxD RxC CRS and CDT)
290421 – 10
Figure 11 Voltage Levels for Differential Input
Timing Measurements (RCV and CLSN Pairs)
290421 – 11
Figure 12 Voltage Levels for TRMT Pair
Output Timing Measurements
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com