Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82503 Datasheet(PDF) 20 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 20 Page - Intel Corporation

Back Button 82503 Datasheet HTML 16Page - Intel Corporation 82503 Datasheet HTML 17Page - Intel Corporation 82503 Datasheet HTML 18Page - Intel Corporation 82503 Datasheet HTML 19Page - Intel Corporation 82503 Datasheet HTML 20Page - Intel Corporation 82503 Datasheet HTML 21Page - Intel Corporation 82503 Datasheet HTML 22Page - Intel Corporation 82503 Datasheet HTML 23Page - Intel Corporation 82503 Datasheet HTML 24Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 45 page
background image
82503
70
ELECTRICAL SPECIFICATIONS
AND TIMINGS
ABSOLUTE MAXIMUM RATINGS
Case Temperature Under Bias
0 Cto a85 C
Storage Temperature
b
65 Cto a140 C
All Output and Supply Voltages
b
05V to a7V
All Input Voltages
b
10V to a60V(1)
NOTICE This is a production data sheet The specifi-
cations are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
DC CHARACTERISTICS (TC e 0 Cto a85 C VCC e 5V g5% VCCA e 5V g5%)
Symbol
Parameter
Min
Max
Units
Test Conditions
VIL(TTL)(2)
Input Low Voltage
b
03
08
V
VIH(TTL)(2)
Input High Voltage
20
VCC
V
ILI(2)
Input Leakage Current
g
10
m
A
00V s VI s VCC RESET e 1
VOL(MOS)(3)
Output Low Voltage
045
V
IOL e 4mA
VOH(MOS)
Output High Voltage
39
V
IOH eb500 mA
VOL(LED)(4)
Output Low Voltage
045
V
IOL e 10 mA
VOH(LED)
Output High Voltage
39
V
IOH eb500 mA
ILP
Leakage Current Low
g
10
m
A
00V s VI s VCC
Power Mode(5)
RDIFF
Input Differential Resistance(6)
10
kX
dc
VIDF(TPE)(7)
Input Differential Accept
g
0500
g
31
VP
5 MHz s f s 10 MHz
Input Differential Reject
g
0300
VP
Input Differential Accept (XSQ)
(Note 8)
g
31
VP
Input Differential Reject (XSQ)
g
0180
VP
RS(TPE)(8)
Output Source Resistance
6
13
X
lILOADl e 25 mA
VIDF(AUI)(9)
Input Differential Accept
g
0300
g
15
VP
Input Differential Reject
g
0160
VP
VODF(AUI)(10)
Output Differential Voltage
g
0450
g
120
V
NOTES
1 The voltage levels for RCV CLSN and RD pairs are b075V to a85V
2 TTL Input Pins TxD RTS TPEAUI APORT APOLXSQ LID CS0 CS1 LPBK JABD TEST RESET
3 MOS Output Pins TxC RxD RxC CRS CDT
4 LED Pins TPEAUI TxLED RxLED COLED POLED LILED VOL measured 10 ns after falling edge of TxC
5 Pins APORT APOLXSQ LID TPEAUI POLED LILED RTS LPBK RxD TxD CRS
CDT CS0 CS1 JABD TEST and RESET
6 Pins RD to RD RCV to RCV and CLSN to CLSN
7 TPE Input Pins RD and RD See Section 334 and Section 335
8 Typically it is b45 dB below normal squelch level
9 TPE Output Pins TDH TDH TDL and TDL RS measures VCC or VSS to Pin
10 AUI Input Pins RCV and CLSN pairs
11 AUI Output Pins TRMT pair
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com