Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82503 Datasheet(PDF) 26 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 26 Page - Intel Corporation

Back Button 82503 Datasheet HTML 22Page - Intel Corporation 82503 Datasheet HTML 23Page - Intel Corporation 82503 Datasheet HTML 24Page - Intel Corporation 82503 Datasheet HTML 25Page - Intel Corporation 82503 Datasheet HTML 26Page - Intel Corporation 82503 Datasheet HTML 27Page - Intel Corporation 82503 Datasheet HTML 28Page - Intel Corporation 82503 Datasheet HTML 29Page - Intel Corporation 82503 Datasheet HTML 30Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 45 page
background image
82503
RECEIVE TIMINGS
(National)
Symbol
Parameter
Min
Typ
Max
Units
t40
RxC Cycle Time
96
100
ns
t41
RxC HighLow Time(17)
40
50
60
ns
t42
RxC RiseFall Time at 20% to 80%
5
ns
t43
RXD RiseFall Time at 20% to 80%
5
ns
t44
RXD Setup Time to RxC
u
30
ns
t45
RXD Hold Time from RxC
u
20
ns
t46
RxC Delay from CRS
u
1400
ns
t47
RxC Continuing Beyond CRS
v
5
cycles
NOTE
17 All delay and width measurements on RXC are made at 15V
290421 – 18
Figure 19 Receiving Timings (National)
26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com