Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82503 Datasheet(PDF) 6 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 6 Page - Intel Corporation

Back Button 82503 Datasheet HTML 2Page - Intel Corporation 82503 Datasheet HTML 3Page - Intel Corporation 82503 Datasheet HTML 4Page - Intel Corporation 82503 Datasheet HTML 5Page - Intel Corporation 82503 Datasheet HTML 6Page - Intel Corporation 82503 Datasheet HTML 7Page - Intel Corporation 82503 Datasheet HTML 8Page - Intel Corporation 82503 Datasheet HTML 9Page - Intel Corporation 82503 Datasheet HTML 10Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
82503
21 Power Pins
Symbol
PLCC
QFP
Type
Name and Function
Pin
Pin
VSS(1)
7 17 39
1 11 33
Supply
Digital Ground
VCC(1)
6 18 40
44 12 34
Supply
Digital VCC A 5-V g 5% Power Supply
VCCA(1)
28
22
Supply
Analog VCC A 5-V g 5% Power Supply
VSSA(1)
29
23
Supply
Analog Ground
NOTE
1 VCC and VCCA must be connected to the same power supply VSS and VSSA must be connected to the same ground
Separate decoupling and noise conditioning (eg ferrite beads) should be used
22 Clock Pins
Symbol
PLCC
QFP
Type
Name and Function
Pin
Pin
X1
21
15
I
CLOCK CRYSTAL
A 20 MHz crystal input This pin can be driven
with an external MOS level clock when X2 is left floating
X2
20
14
O
CLOCK CRYSTAL
A 20 MHz crystal output X1 can be driven with
an external MOS level clock when this pin is left floating
23 AUI Pins
Symbol
PLCC
QFP
Type
Name and Function
Pin
Pin
TRMT
27
21
O
TRANSMIT PAIR
A differential output driver pair that drives the
transmit pair of the transceiver cable The output bit stream is
TRMT
26
20
O
Manchester encoded Following the last transition which is positive
at TRMT the differential voltage is reduced to zero volts
RCV
31
25
I
RECEIVE PAIR
A differentially driven input pair which is tied to the
receive pair of the Ethernet transceiver cable The first transition on
RCV
30
24
I
RCV is negative-going to indicate the beginning of the frame The
last transition is positive-going to indicate the end of the frame The
received bit stream is assumed to be Manchester encoded
CLSN
25
19
I
COLLISION PAIR
A differentially driven input pair tied to the
collision presence pair of the Ethernet transceiver cable The
CLSN
24
18
I
collision presence signal is a 10 MHz square wave The first
transition at CLSN is negative-going to indicate the beginning of the
signal the last transition is positive-going to indicate the end of the
signal
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com