Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82503 Datasheet(PDF) 1 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 1 Page - Intel Corporation

  82503 Datasheet HTML 1Page - Intel Corporation 82503 Datasheet HTML 2Page - Intel Corporation 82503 Datasheet HTML 3Page - Intel Corporation 82503 Datasheet HTML 4Page - Intel Corporation 82503 Datasheet HTML 5Page - Intel Corporation 82503 Datasheet HTML 6Page - Intel Corporation 82503 Datasheet HTML 7Page - Intel Corporation 82503 Datasheet HTML 8Page - Intel Corporation 82503 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 45 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
October 1995
COPYRIGHT
INTEL CORPORATION 1996
Order Number 290421-004
82503
DUAL SERIAL TRANSCEIVER (DST)
82503 PRODUCT FEATURE SET OVERVIEW
Y
Single Component Ethernet Interface
to Both 8023 10BASE-T and AUI
Y
Automatic or Manual Port Selection
Y
Manchester EncoderDecoder and
Clock Recovery
Y
No Glue Interface to Industry-Standard
LAN Controllers
Intel 82586 82590 82593 and 82596
AMD 7990 (LANCE )
National Semiconductor 8390 and
83932 (SONIC )
Western Digital 83C690
Fujitsu 86950 (Etherstar )
Y
Diagnostic Loopback
Y
Reset Low Power Modes
Y
Network Status Indicators
Y
Defeatable Jabber Timer
Y
User Test Modes
Y
10 MHz Transmit Clock Generator
Y
One Micron CHMOS
IV (Px48)
Technology
Y
Single 5-V Supply
INTERFACE FEATURES
TPE
Y
Complies with 10BASE-T IEEE Std
8023i-1990 for Twisted Pair Ethernet
Y
Selectable Polarity Switching
Y
Direct Interface to TPE Analog Filters
Y
On-Chip TPE Squelch
Y
Defeatable Link Integrity (LI)
Y
Support of Cable Lengths l100m
AUI
Y
Complies with IEEE 8023 AUI Standard
Y
Direct Interface to AUI Transformers
Y
On-Chip AUI Squelch
A block diagram of a typical application is shown in Figure 1 The 82503 Dual Serial Transceiver is a high-inte-
gration CMOS device designed to simplify interfacing industry standard Ethernet LAN Controllers to IEEE
8023 local area network applications (10BASE5 10BASE2 and 10BASE-T) The component supports both
an attachment unit interface (AUI) and a Twisted Pair Ethernet interface (TPE) It allows OEMs to design a
state-of-the-art media interface that is jumperless and fully automatic The 82503 includes on-chip AUI and
TPE drivers and receivers it offers designers a cost-effective integrated solution for interfacing LAN control-
lers to the wire medium
CHMOS is a patented process of Intel Corporation
Ethernet is a registered trademark of Xerox Corporation
LANCE is a registered trademark of Advanced Micro Devices
Etherstar is a registered trademark of Fujitsu Electronics
Sonic is a registered trademark of National Semiconductor Corporation


Similar Part No. - 82503

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
82503 BELDEN-82503 Datasheet
158Kb / 2P
RS232, #24-3pr, FEP, O/A Foil, LS-PVC Jkt, CMP
01-20-2023
82503.8771000 BELDEN-82503.8771000 Datasheet
158Kb / 2P
RS232, #24-3pr, FEP, O/A Foil, LS-PVC Jkt, CMP
01-20-2023
82503.877U1000 BELDEN-82503.877U1000 Datasheet
158Kb / 2P
RS232, #24-3pr, FEP, O/A Foil, LS-PVC Jkt, CMP
01-20-2023
More results

Similar Description - 82503

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PDIUSBP11A PHILIPS-PDIUSBP11A Datasheet
120Kb / 12P
Universal Serial Bus Transceiver
1999 Jun 04
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T11A FAIRCHILD-USB1T11A Datasheet
558Kb / 11P
Universal Serial Bus Transceiver
logo
Sipex Corporation
SP5301 SIPEX-SP5301 Datasheet
185Kb / 13P
Universal Serial Bus Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20 Datasheet
700Kb / 9P
Universal Serial Bus Transceiver
logo
List of Unclassifed Man...
GS7000 ETC-GS7000 Datasheet
172Kb / 14P
Serial Digital Video Transceiver
logo
Freescale Semiconductor...
33390 FREESCALE-33390 Datasheet
416Kb / 15P
Class B Serial Transceiver
logo
Fairchild Semiconductor
USB1T20 FAIRCHILD-USB1T20_08 Datasheet
275Kb / 9P
Universal Serial Bus Transceiver
logo
Micrel Semiconductor
MIC2550 MICREL-MIC2550_11 Datasheet
127Kb / 11P
Universal Serial Bus Transceiver
MIC2550A MICREL-MIC2550A_11 Datasheet
127Kb / 11P
Universal Serial Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com