Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82503 Datasheet(PDF) 7 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 7 Page - Intel Corporation

Back Button 82503 Datasheet HTML 3Page - Intel Corporation 82503 Datasheet HTML 4Page - Intel Corporation 82503 Datasheet HTML 5Page - Intel Corporation 82503 Datasheet HTML 6Page - Intel Corporation 82503 Datasheet HTML 7Page - Intel Corporation 82503 Datasheet HTML 8Page - Intel Corporation 82503 Datasheet HTML 9Page - Intel Corporation 82503 Datasheet HTML 10Page - Intel Corporation 82503 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
82503
24 TPE Pins
Symbol
PLCC
QFP
Type
Name and Function
Pin
Pin
TDH
35
29
O
TP TRANSMIT PAIR DRIVERS
These four outputs constitute the
twisted-pair drivers which have predistortion capabilities The TDH
TDH
37
31
O
TDH outputs generate the 10 Mbs Manchester Encoded data The
TDL
34
28
O
TDLTDL outputs mirror the TDHTDH outputs except for fat bit
TDL
36
30
O
occurrences (100 ns pulses) During the second half of a fat bit
(either high or low) the TDLTDL outputs are inverted with respect
to TDHTDH outputs This signal behavior reduces the amount of
jitter by preventing overcharge on the twisted pair medium
RD
32
26
I
TP RECEIVE PAIR
The differential twisted pair receiver The
receiver pair is connected to the twisted pair medium and is driven
RD
33
27
I
with 10 Mbs Manchester encoded data
25 Controller Interface Pins
Symbol
PLCC
QFP
Type
Name and Function
Pin
Pin
TxC
93
O
TRANSMIT CLOCK
A 10 MHz clock output tied directly to the
transmit clock pin of the Ethernet controller Changes sense
depending on controller selected Active low for Intel and Fujitsu
controller interfaces active high for National and AMD interfaces
Can drive one TTL load
TxD
16
10
I
TRANSMIT DATA
TTL input NRZ serial data is clocked in on TxD
from the Ethernet controller Connects directly to the transmit data
pin of the Ethernet controller
RTS
15
9
I
REQUEST TO SEND
TTL input An active low input signal
synchronous to TxC which enables data transmission on the active
port Changes sense depending on controller selected Active low
for the Intel controller interface active high for National AMD and
Fujitsu interfaces
RxC
14
8
O
RECEIVE CLOCK
A 10 MHz clock output tied directly to the
receive clock pin of the Ethernet controller This clock is the
recovered clock from incoming data on the active port Changes
sense depending on controller selected Active low for Intel and
Fujitsu controller interfaces active high for National and AMD
interfaces Can drive one TTL load
RxD
13
7
O
RECEIVE DATA
Received NRZ data (synchronous to RxC) passed
to the Ethernet controller Connect directly to the receive data pin of
the controller Can drive one TTL load
CRS
10
4
O
CARRIER SENSE
Output that alerts the Ethernet controller that
data is present on the active port Connects directly to the carrier
sense pin of the Ethernet controller Changes sense depending on
controller mode selected Active low for Intel controller interface
active high for National AMD and Fujitsu interfaces Can drive one
TTL load
CDT
12
6
O
COLLISION DETECT
Output that indicates presence of a collision
Connects directly to the collision detect pin of the Ethernet
controller Changes sense depending on controller selected Active
low for Intel and Fujitsu controller interfaces active high for National
and AMD interfaces Can drive one TTL load
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com