Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

82503 Datasheet(PDF) 36 Page - Intel Corporation

Part # 82503
Description  DUAL SERIAL TRANSCEIVER (DST)
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82503 Datasheet(HTML) 36 Page - Intel Corporation

Back Button 82503 Datasheet HTML 32Page - Intel Corporation 82503 Datasheet HTML 33Page - Intel Corporation 82503 Datasheet HTML 34Page - Intel Corporation 82503 Datasheet HTML 35Page - Intel Corporation 82503 Datasheet HTML 36Page - Intel Corporation 82503 Datasheet HTML 37Page - Intel Corporation 82503 Datasheet HTML 38Page - Intel Corporation 82503 Datasheet HTML 39Page - Intel Corporation 82503 Datasheet HTML 40Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 45 page
background image
82503
AUI COLLISION TIMINGS
Symbol
Parameter
Min
Typ
Max
Units
t145
CLSN Pair Cycle Time
80
118
ns
t146
CLSN Pair RiseFall Times
10
ns
t147
CLSN Pair Return to Zero from Last Positive Transition
160
ns
t148
CLSN Pair HighLow Times
35
70
ns
t149
CDT Assertion Time
75
ns
t150
CDT Deassertion Time
300
ns
t151
CRS Deassertion Time (Intel Mode Only RCV Pair Idle)
450
ns
290421 – 35
Figure 36 AUI Collision Timings
AUI NOISE FILTER TIMINGS
Symbol
Parameter
Min
Typ
Max
Units
t152
RCV Pair Noise Filter Pulse Width Accept (
b
285 mV)
25
ns
t153
CLSN Pair Noise Filter Pulse Width Accept (
b
285 mV)
25
ns
290421 – 36
Figure 37 AUI Noise Filter Timings
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com