Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C511 Datasheet(PDF) 8 Page - Intel Corporation

Part # P87C511
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C511 Datasheet(HTML) 8 Page - Intel Corporation

Back Button P87C511 Datasheet HTML 4Page - Intel Corporation P87C511 Datasheet HTML 5Page - Intel Corporation P87C511 Datasheet HTML 6Page - Intel Corporation P87C511 Datasheet HTML 7Page - Intel Corporation P87C511 Datasheet HTML 8Page - Intel Corporation P87C511 Datasheet HTML 9Page - Intel Corporation P87C511 Datasheet HTML 10Page - Intel Corporation P87C511 Datasheet HTML 11Page - Intel Corporation P87C511 Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
87C5180C51BH80C31BH
ABSOLUTE MAXIMUM RATINGS
Ambient Temperature Under Bias b40 Cto a85 C
Storage Temperature
b
65 Cto a150 C
Voltage on EA VPP Pin to VSS
0V to a130V
Voltage on Any Other Pin to VSS
b
05V to a65V
Maximum IOL per IO Pin
15 mA
Power Dissipation15W
(Based on package heat transfer limitations not de-
vice power consumption)
NOTICE This data sheet contains preliminary infor-
mation on new products in production It is valid for
the devices indicated in the revision history The
specifications are subject to change without notice
WARNING Stressing the device beyond the ‘‘Absolute
Maximum Ratings’’ may cause permanent damage
These are stress ratings only Operation beyond the
‘‘Operating Conditions’’ is not recommended and ex-
tended exposure beyond the ‘‘Operating Conditions’’
may affect device reliability
OPERATING CONDITIONS
Symbol
Description
Min
Max
Unit
TA
Ambient Temperature Under Bias
Commercial
0
a
70
C
Express
b
40
a
85
C
VCC
Supply Voltage
45
55
V
fOSC
Oscillator Frequency
MHz
87C51BH
35
12
87C51-1BH-1
35
16
87C51-2BH-2
05
12
87C51-24BH-24
35
24
DC CHARACTERISTICS (Over Operating Conditions)
All parameter values apply to all devices unless otherwise indicated
Symbol
Parameter
Min
Typ(1)
Max
Unit
Test Conditions
VIL
Input Low Voltage
Commercial
b
05
02 VCC b 01
V
Express
b
05
02 VCC b 015
V
VIL1
Input Low Voltage EA
Commercial
0
02 VCC b 03
V
Express
b
05
02 VCC b 035
V
VIH
Input High Voltage
(Except XTAL1 RST)
Commercial
02 VCC a 09
VCC a 05
V
Express
02 VCC a 1VCC a 05
V
VIH1
Input High Voltage
(XTAL1 RST)
Commercial
07 VCC
VCC a 05
V
Express
07 VCC a 01
VCC a 05
V
VOL
Output Low Voltage(6)
03
V
IOL e 100 mA(2)
(Ports 1 2 3)
045
V
IOL e 16 mA(2)
10
V
IOL e 35 mA(2)
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com