Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C511 Datasheet(PDF) 7 Page - Intel Corporation

Part # P87C511
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C511 Datasheet(HTML) 7 Page - Intel Corporation

Back Button P87C511 Datasheet HTML 3Page - Intel Corporation P87C511 Datasheet HTML 4Page - Intel Corporation P87C511 Datasheet HTML 5Page - Intel Corporation P87C511 Datasheet HTML 6Page - Intel Corporation P87C511 Datasheet HTML 7Page - Intel Corporation P87C511 Datasheet HTML 8Page - Intel Corporation P87C511 Datasheet HTML 9Page - Intel Corporation P87C511 Datasheet HTML 10Page - Intel Corporation P87C511 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
87C5180C51BH80C31BH
ONCE MODE
The ONCE (‘‘On-Circuit Emulation’’) mode facilitates
testing
and
debugging
of
systems
using
the
87C51BH without the 87C51BH having to be re-
moved from the circuit The ONCE mode is invoked
by
1 Pull ALE low while the device is in reset and
PSEN is high
2 Hold ALE low as RST is deactivated
While the device is in ONCE mode the Port 0 pins
float and the other port pins and ALE and PSEN are
weakly pulled high The oscillator circuit remains ac-
tive While the 87C51BH is in this mode an emula-
tor or test CPU can be used to drive the circuit Nor-
mal operation is restored when a normal reset is ap-
plied
87C51BH EXPRESS
The Intel EXPRESS system offers enhancements to
the operational specifications of the MCS-51 family
of microcontrollers These EXPRESS products are
designed to meet the needs of those applications
whose operating requirements exceed commercial
temperature
The EXPRESS program includes the commercial
standard temperature range with burn-in and an ex-
tended temperature range with or without burn-in
With the commercial standard temperature range
operational characteristics are guaranteed over the
temperature range of 0 Cto70 C With the extend-
ed temperature range option operational character-
istics are guaranteed over the range of b40 Cto
a
85 C
The optional burn-in is dynamic for a minimum time
of 160 hours at 125 C with VCC e 69V g025V
following guidelines in MIL-STD-883 Method 1015
Package types and EXPRESS versions are identified
by a one- or two-letter prefix to the part number The
prefixes are listed in Table 3
For the extended temperature range option this
data sheet specifies the parameters which deviate
from their commercial temperature range limits
Table 3 Prefix Identification
Prefix
Package
Temperature
Burn-in
Type
Range
P
Plastic
Commercial
No
D
Cerdip
Commercial
No
N
PLCC
Commercial
No
S
QFP
Commercial
No
TP
Plastic
Extended
No
TD
Cerdip
Extended
No
TN
PLCC
Extended
No
TS
QFP
Extended
No
LP
Plastic
Extended
Yes
LD
Cerdip
Extended
Yes
LN
PLCC
Extended
Yes
NOTE
Contact distributor or local sales office to match EXPRESS
prefix to proper device
Examples
P87C51 indicates 87C51 in a plastic package and
specified for commercial temperature range without
burn-in
LD87C51 indicates 87C51 in a cerdip package and
specified for extended temperature range with burn-
in
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com