Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C511 Datasheet(PDF) 10 Page - Intel Corporation

Part # P87C511
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C511 Datasheet(HTML) 10 Page - Intel Corporation

Back Button P87C511 Datasheet HTML 6Page - Intel Corporation P87C511 Datasheet HTML 7Page - Intel Corporation P87C511 Datasheet HTML 8Page - Intel Corporation P87C511 Datasheet HTML 9Page - Intel Corporation P87C511 Datasheet HTML 10Page - Intel Corporation P87C511 Datasheet HTML 11Page - Intel Corporation P87C511 Datasheet HTML 12Page - Intel Corporation P87C511 Datasheet HTML 13Page - Intel Corporation P87C511 Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
87C5180C51BH80C31BH
NOTES
1 ‘‘Typicals’’ are based on a limited number of samples taken from early manufacturing lots and are not guaranteed The
values listed are at room temp 5V
2 Capacitive loading on Ports 0 and 2 may cause noise pulses above 04V to be superimposed on the VOLs of ALE and
Ports 1 2 and 3 The noise is due to external bus capacitance discharging into the Port 0 and Port 2 pins when these pins
change from 1 to 0 In applications where capacitive loading exceeds 100 pF the noise pulses on these signals may exceed
08V It may be desirable to qualify ALE or other signals with a Schmitt Trigger or CMOS-level input logic
3 Capacitive loading on Ports 0 and 2 may cause the VOH on ALE and PSEN to momentarily fall below the 09VCC specifi-
cation when the address bits are stabilizing
4 See Figures 6 through 8 for ICC test conditions Minimum VCC for Power Down is 2V
5 Under steady state (non-transient) conditions IOL must be externally limited as follows
Maximum IOL per port pin
10 mA
Maximum IOL per 8-bit port
Port 0
26 mA
Ports 1 2 and 3
15 mA
Maximum total IOL for all output pins
71 mA
If IOL exceeds the test condition VOL may exceed the related specification
Pins are not guaranteed to sink greater than the listed test conditions
272335 – 26
Figure 5 87C51BH ICC vs Frequency
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com