Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C511 Datasheet(PDF) 19 Page - Intel Corporation

Part # P87C511
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C511 Datasheet(HTML) 19 Page - Intel Corporation

Back Button P87C511 Datasheet HTML 13Page - Intel Corporation P87C511 Datasheet HTML 14Page - Intel Corporation P87C511 Datasheet HTML 15Page - Intel Corporation P87C511 Datasheet HTML 16Page - Intel Corporation P87C511 Datasheet HTML 17Page - Intel Corporation P87C511 Datasheet HTML 18Page - Intel Corporation P87C511 Datasheet HTML 19Page - Intel Corporation P87C511 Datasheet HTML 20Page - Intel Corporation P87C511 Datasheet HTML 21Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 21 page
background image
87C5180C51BH80C31BH
Program Lock Bits
The 87C51 has 3 programmable lock bits that when
programmed according to Table 5 will provide differ-
ent levels of protection for the on-chip code and
data
Erasing the EPROM also erases the encryption ar-
ray and the program lock bits returning the part to
full functionality
Reading the Signature Bytes
The 87C51 and 80C51BH have 3 signature bytes in
locations 30H 31H and 60H To read these bytes
follow the procedure for EPROM verify but activate
the control lines provided in Table 4 for Read Signa-
ture Byte
Location
Device
Contents
30H
All
89H
31H
All
58H
60H
87C51
51H
80C51BH
11H
Erasure Characteristics
(Windowed Devices Only)
Erasure of the EPROM begins to occur when the
chip is exposed to light with wavelengths shorter
than approximately 4000 Angstroms Since sunlight
and fluorescent lighting have wavelengths in this
range exposure to these light sources over an ex-
tended time (about 1 week in sunlight or 3 years in
room level fluorescent lighting) could cause inadver-
tent erasure If an application subjects the device to
this type of exposure it is suggested that an opaque
label be placed over the window
The recommended erasure procedure is exposure
to ultraviolet light (at 2537 Angstroms) to an integrat-
ed dose of at least 15 W-seccm2 Exposing the
EPROM to an ultraviolet lamp of 12000 mWcm2
rating for 30 minutes at a distance of about 1 inch
should be sufficient
Erasure leaves the array in an all 1’s state
Table 5 Program Lock Bits and the Features
Program Lock Bits
Protection Type
LB1
LB2
LB3
1
U
U
U
No program lock features enabled (Code verify will still be encrypted by the
encryption array if programmed)
2
P
U
U
MOVC instructions executed from external program memory are disabled from
fetching code bytes from internal memory EA is sampled and latched on
reset and further programming of the EPROM is disabled
3
P
P
U
Same as 2 also verify is disabled
4
P
P
P
Same as 3 also external execution is disabled
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com