Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C511 Datasheet(PDF) 9 Page - Intel Corporation

Part # P87C511
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C511 Datasheet(HTML) 9 Page - Intel Corporation

Back Button P87C511 Datasheet HTML 5Page - Intel Corporation P87C511 Datasheet HTML 6Page - Intel Corporation P87C511 Datasheet HTML 7Page - Intel Corporation P87C511 Datasheet HTML 8Page - Intel Corporation P87C511 Datasheet HTML 9Page - Intel Corporation P87C511 Datasheet HTML 10Page - Intel Corporation P87C511 Datasheet HTML 11Page - Intel Corporation P87C511 Datasheet HTML 12Page - Intel Corporation P87C511 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
87C5180C51BH80C31BH
DC CHARACTERISTICS (Over Operating Conditions) (Continued)
Symbol
Parameter
Min
Typ(1)
Max
Unit
Test Conditions
VOL1
Output Low Voltage(6)
03
V
IOL e 200 mA(2)
(Port 0 ALE PSEN)
045
V
IOL e 32 mA (2)
10
V
IOL e 70 mA(2)
VOH
Output High Voltage
VCC b 03
V
IOH eb10 mA(3)
(Ports 1 2 3 ALE PSEN)
VCC b 07
V
IOH eb30 mA(3)
VCC b 15
V
IOH eb60 mA(3)
VOH1
Output High Voltage
VCC b 03
V
IOH eb200 mA(3)
(Port 0 in External Bus Mode)
VCC b 07
V
IOH eb32 mA(3)
VCC b 15
V
IOH eb70 mA(3)
IIL
Logical 0 Input Current
VIN e 045V
(Ports 1 2 3)
Commercial
b
50
m
A
Express
b
75
m
A
ILI
Input Leakage Current
g
10
m
A
045 k VIN k VCC
(Port 0)
ITL
Logical 1-to-0 Transition Current
VIN e 2V
(Ports 1 2 3)
Commercial
b
650
m
A
Express
b
750
m
A
RRST
RST Pulldown Resistor
40
225
kX
CIO
Pin Capacitance
10
pF
1 MHz 25 C
ICC
Power Supply Current
(Note 4)
Active Mode
12 MHz (Figure 5)
115
20
mA
16 MHz
26
mA
24 MHz
38
mA
Idle Mode
12 MHz (Figure 5)
35
75
mA
16 MHz
95
mA
24 MHz
135
mA
Power Down Mode
5
50
m
A
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com