Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C511 Datasheet(PDF) 12 Page - Intel Corporation

Part # P87C511
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C511 Datasheet(HTML) 12 Page - Intel Corporation

Back Button P87C511 Datasheet HTML 8Page - Intel Corporation P87C511 Datasheet HTML 9Page - Intel Corporation P87C511 Datasheet HTML 10Page - Intel Corporation P87C511 Datasheet HTML 11Page - Intel Corporation P87C511 Datasheet HTML 12Page - Intel Corporation P87C511 Datasheet HTML 13Page - Intel Corporation P87C511 Datasheet HTML 14Page - Intel Corporation P87C511 Datasheet HTML 15Page - Intel Corporation P87C511 Datasheet HTML 16Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
87C5180C51BH80C31BH
EXPLANATION OF THE AC SYMBOLS
Each timing symbol has 5 characters The first char-
acter is always a ‘T’ (stands for time) The other
characters depending on their positions stand for
the name of a signal or the logical status of that
signal The following is a list of all the characters and
what they stand for
AAddress
CClock
DInput data
HLogic level HIGH
IInstruction (program memory contents)
LLogic level LOW or ALE
PPSEN
QOutput data
RRD signal
TTime
VValid
WWR signal
XNo longer a valid logic level
ZFloat
For example
TAVLL e Time from Address Valid to ALE Low
TLLPL e Time from ALE Low to PSEN Low
AC CHARACTERISTICS
(Over Operating Conditions Load Capacitance for Port 0 ALE and
PSEN e 100 pF Load Capacitance for All Other Outputs e 80 pF)
EXTERNAL MEMORY CHARACTERISTICS
All parameter values apply to all devices unless otherwise indicated In this table 87C51BH refers to
87C51BH 87C51-1BH-1 and 87C51-2BH-2
Symbol
Parameter
Oscillator
Units
12 MHz
24 MHz
Variable
Min
Max
Min
Max
Min
Max
1TCLCL
Oscillator Frequency
87C51BH
35
12
MHz
87C51-1BH-1
35
16
MHz
87C51-2BH-2
05
12
MHz
87C51-24BH-24
35
24
MHz
TLHLL
ALE Pulse Width
127
43
2TCLCLb40
ns
TAVLL
Address Valid to ALE Low
87C51BH
43
TCLCLb40
ns
87C51-24BH-24
12
TCLCLb30
ns
TLLAX
Address Hold After ALE Low
53
12
TCLCLb30
ns
TLLIV
ALE Low to Valid Instr In
87C51BH
234
4TCLCLb100
ns
87C51-24BH-24
91
4TCLCLb75
ns
TLLPL
ALE Low to PSEN Low
53
12
TCLCLb30
ns
TPLPH
PSEN Pulse Width
205
80
3TCLCLb45
ns
TPLIV
PSEN Low to Valid Instr In
87C51BH
145
3TCLCLb105
ns
87C51-24BH-24
35
3TCLCLb90
ns
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com