Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C511 Datasheet(PDF) 18 Page - Intel Corporation

Part # P87C511
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C511 Datasheet(HTML) 18 Page - Intel Corporation

Back Button P87C511 Datasheet HTML 13Page - Intel Corporation P87C511 Datasheet HTML 14Page - Intel Corporation P87C511 Datasheet HTML 15Page - Intel Corporation P87C511 Datasheet HTML 16Page - Intel Corporation P87C511 Datasheet HTML 17Page - Intel Corporation P87C511 Datasheet HTML 18Page - Intel Corporation P87C511 Datasheet HTML 19Page - Intel Corporation P87C511 Datasheet HTML 20Page - Intel Corporation P87C511 Datasheet HTML 21Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 18 / 21 page
background image
87C5180C51BH80C31BH
272335 – 22
For compatibility 25 pulses may be used
Figure 11 Programming Waveforms
PROGRAMMING ALGORITHM
Refer to Table 4 and Figures 10 and 11 for address
data and control signals set up To program the
87C51 the following sequence must be exercised
1 Input the valid address on the address lines
2 Input the appropriate data byte on the data lines
3 Activate the correct combination of control sig-
nals
4 Raise EA VPP from VCC to 1275V g025V
5 Pulse ALEPROG 5 times for the EPROM array
and 25 times for the encryption table and the lock
bits
Repeat 1 through 5 changing the address and data
for the entire array or until the end of the object file is
reached
Program Verify
Verification may be done after programming either
one byte or a block of bytes In either case a com-
plete verify of the array will ensure reliable program-
ming of the 87C51
The lock bits cannot be directly verified Verification
of the lock bits is done by observing that their fea-
tures are enabled
ROM and EPROM Lock System
The program lock system when programmed pro-
tects the onboard program against software piracy
The 80C51BH has a one level program lock system
and a 64-byte encryption table If program protection
is desired the user submits the encryption table with
their code and both the lock bit and encryption array
are programmed by the factory The encryption array
is not available without the lock bit For the lock bit
to be programmed the user must submit an encryp-
tion table The 87C51 has a 3-level program lock
system and a 64-byte encryption array Since this is
an EPROM device all locations are user-program-
mable See Table 5
Encryption Array
Within the EPROM array are 64 bytes of Encryption
Array that are initially unprogrammed (all 1’s) Every
time that a byte is addressed during a verify 6 ad-
dress lines are used to select a byte of the Encryp-
tion Array
This byte is then exclusive-NOR’ed
(XNOR) with the code byte creating an Encryption
Verify byte The algorithm with the array in the un-
programmed state (all 1’s) will return the code in its
original unmodified form For programming the En-
cryption Array refer to Table 4 (Programming the
EPROM)
When using the encryption array one important fac-
tor needs to be considered lf a code byte has the
value 0FFH verifying the byte will produce the en-
cryption byte value lf a large block (l64 bytes) of
code is left unprogrammed a verification routine will
display the contents of the encryption array For this
reason all unused code bytes should be pro-
grammed with some value other than 0FFH and not
all of them the same value This will ensure maxi-
mum program protection
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com