Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C511 Datasheet(PDF) 16 Page - Intel Corporation

Part # P87C511
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C511 Datasheet(HTML) 16 Page - Intel Corporation

Back Button P87C511 Datasheet HTML 12Page - Intel Corporation P87C511 Datasheet HTML 13Page - Intel Corporation P87C511 Datasheet HTML 14Page - Intel Corporation P87C511 Datasheet HTML 15Page - Intel Corporation P87C511 Datasheet HTML 16Page - Intel Corporation P87C511 Datasheet HTML 17Page - Intel Corporation P87C511 Datasheet HTML 18Page - Intel Corporation P87C511 Datasheet HTML 19Page - Intel Corporation P87C511 Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 21 page
background image
87C5180C51BH80C31BH
SERIAL PORT TIMINGSHIFT REGISTER MODE
12 MHz
24 MHz
Variable Oscillator
Symbol
Parameter
Oscillator
Oscillator
Units
Min
Max
Min
Max
Min
Max
TXLXL
Serial Port Clock
10
0500
12TCLCL
m
s
Cycle Time
TQVXH
Output Data Setup
700
284
10TCLCLb133
ns
to Clock Rising Edge
TXHQX
Output Data Hold
ns
After Clock
Rising Edge
87C51BH
50
2TCLCLb117
87C51-24BH-24
34
2TCLCLb34
TXHDX
Input Data Hold
0
0
0
ns
After Clock
Rising Edge
TXHDV
Clock Rising Edge
700
283
10TCLCLb133
ns
to Input Data Valid
SHIFT REGISTER MODE TIMING WAVEFORMS
272335 – 18
AC TESTING INPUT OUTPUT WAVEFORMS
272335 – 19
AC inputs during testing are driven at VCC b 05 for a Logic ‘‘1’’
and 045V for a Logic ‘‘0’’ Timing measurements are made at VIH
min for a Logic ‘‘1’’ and VIL max for a Logic ‘‘0’’
FLOAT WAVEFORMS
272335 – 20
For timing purposes a port pin is no longer floating when a
100 mV change from load voltage occurs and begins to float
when a 100 mV change from the loaded VOH VOL level occurs
IOL IOH e g20 mA
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com