Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

P87C511 Datasheet(PDF) 1 Page - Intel Corporation

Part # P87C511
Description  CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

P87C511 Datasheet(HTML) 1 Page - Intel Corporation

  P87C511 Datasheet HTML 1Page - Intel Corporation P87C511 Datasheet HTML 2Page - Intel Corporation P87C511 Datasheet HTML 3Page - Intel Corporation P87C511 Datasheet HTML 4Page - Intel Corporation P87C511 Datasheet HTML 5Page - Intel Corporation P87C511 Datasheet HTML 6Page - Intel Corporation P87C511 Datasheet HTML 7Page - Intel Corporation P87C511 Datasheet HTML 8Page - Intel Corporation P87C511 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
October 1995
COPYRIGHT
INTEL CORPORATION 1995
Order Number 272335-003
87C5180C51BH80C31BH
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
CommercialExpress
87C5180C51BH80C51BHP80C31BH
See Table 1 for Proliferation Options
Y
High Performance CHMOS EPROM
Y
24 MHz Operation
Y
Improved Quick-Pulse Programming
Algorithm
Y
3-Level Program Memory Lock
Y
Boolean Processor
Y
128-Byte Data RAM
Y
32 Programmable IO Lines
Y
Two 16-Bit TimerCounters
Y
Extended Temperature Range
(b40 Cto a85 C)
Y
5 Interrupt Sources
Y
Programmable Serial Port
Y
TTL- and CMOS-Compatible Logic
Levels
Y
64K External Program Memory Space
Y
64K External Data Memory Space
Y
ONCE Mode Facilitates System Testing
Y
Power Control Modes
Idle
Power Down
MEMORY ORGANIZATION
PROGRAM MEMORY Up to 4 Kbytes of the program memory can reside on-chip (except 80C31BH) In
addition the device can address up to 64K of program memory external to the chip
DATA MEMORY This microcontroller has a 128 x 8 on-chip RAM In addition it can address up to 64 Kbytes of
external data memory
The Intel 87C5180C51BH80C31BH is a single-chip control-oriented microcontroller which is fabricated on
Intel’s reliable CHMOS III-E technology
Being a member of the MCS
51 controller family
the
87C5180C51BH80C31BH uses the same powerful instruction set has the same architecture and is pin-for-
pin compatible with the existing MCS 51 controller family of products
The 80C51BHP is identical to the 80C51BH When ordering the 80C51BHP customers must submit the 64
byte encryption table together with the ROM code Lock bit 1 will be set to enable the internal ROM code
protection and at the same time allows code verification
The extremely low operating power along with the two reduced power modes Idle and Power Down make
this part very suitable for low power applications The Idle mode freezes the CPU while allowing the RAM
timercounters serial port and interrupt system to continue functioning The Power Down mode saves the
RAM contents but freezes the oscillator causing all other chip functions to be inoperative
For the remainder of this document the 87C51 80C51BH and 80C31BH will be referred to as the 87C51BH
unless information applies to a specific device


Similar Part No. - P87C511

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
P87C51 PHILIPS-P87C51 Datasheet
350Kb / 38P
80C51 8-bit microcontroller family 4K/128 OTP/ROM/ROMless low voltage 2.7V.5.5V, low power, high speed 33 MHz
2000 Jan 20
logo
Rochester Electronics
P87C51FA ROCHESTER-P87C51FA Datasheet
599Kb / 1P
POWERFUL MICROCONTROLLER from the MCS 51 controller family 44 pin LDCC
logo
NXP Semiconductors
P87C51FA-4A PHILIPS-P87C51FA-4A Datasheet
348Kb / 55P
8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
P87C51FA-4A PHILIPS-P87C51FA-4A Datasheet
355Kb / 56P
80C51 8-bit microcontroller family 8K-4K/256-1K OTP/ROM/ROMless, low voltage (2.7V-5.5V), low power, high speed (33 MHz)
2000 Aug 07
P87C51FA-4B PHILIPS-P87C51FA-4B Datasheet
348Kb / 55P
8-bit CMOS (low voltage, low power and high speed) microcontroller families
1999 Apr 01
More results

Similar Description - P87C511

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C31BH INTEL-80C31BH Datasheet
229Kb / 16P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51GB INTEL-8XC51GB Datasheet
311Kb / 22P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
M80C51FB INTEL-M80C51FB Datasheet
184Kb / 12P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
87C51FA INTEL-87C51FA Datasheet
279Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC51R INTEL-8XC51R Datasheet
294Kb / 20P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
80C52 INTEL-80C52 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
TD87C54 INTEL-TD87C54 Datasheet
312Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
8XC52 INTEL-8XC52 Datasheet
317Kb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EE87C51FB1SF76 INTEL-EE87C51FB1SF76 Datasheet
256Kb / 18P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
EN80C321SF88 INTEL-EN80C321SF88 Datasheet
1Mb / 23P
CHMOS SINGLE-CHIP 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com