Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV802 Datasheet(PDF) 39 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 39 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 35Page - Analog Devices ADAV802_15 Datasheet HTML 36Page - Analog Devices ADAV802_15 Datasheet HTML 37Page - Analog Devices ADAV802_15 Datasheet HTML 38Page - Analog Devices ADAV802_15 Datasheet HTML 39Page - Analog Devices ADAV802_15 Datasheet HTML 40Page - Analog Devices ADAV802_15 Datasheet HTML 41Page - Analog Devices ADAV802_15 Datasheet HTML 42Page - Analog Devices ADAV802_15 Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 39 of 53
Table 53. Interrupt Status Mask Register
SRCError
TxCSTINT
TxUBINT
TxCSBINT
RxUBINT
RxCSBINT
RxError
Mask
Mask
Mask
Mask
RES
Mask
Mask
Mask
7
6
5
4
3
2
1
0
ADDRESS = 0011101
DEFAULT VALUE = 0x00
SRCError Mask
Masks the SRCError bit from generating an interrupt
0 = The SRCError bit will not generate an interrupt
1 = The SRCError bit will generate and interrupt
TxCSTINT Mask
Masks the TxCSTBINT bit from generating an interrupt
0 = The TxSCTINT bit will not generate an interrupt
1 = The TxCSTINT bit will generate and interrupt
TxUBINT Mask
Masks the TxUBINT bit from generating an interrupt
0 = The TxUBINT bit will not generate an interrupt
1 = The TxUBINT bit will generate and interrupt
RxUBINT Mask
Masks the RxUBINT bit from generating an interrupt
0 = The RxUBINT bit will not generate an interrupt
1 = The RxUBINT bit will generate and interrupt
RxCSBINT Mask
Masks the RxCSBINT bit from generating an interrupt
0 = The RxCSBINT bit will not generate an interrupt
1 = The RxCSBINT bit will generate an interrupt
RxError Mask
Masks the RxError bit from generating an interrupt
0 = The RxError bit will not generate an interrupt
1 = The RxError bit will generate an interrupt
Table 54. Mute and Deemphasis Register
RES
RES
TxMUTE
RES
RES
SRC_DEEM1-0
RES
7
6
5
4
3
2,1
0
ADDRESS = 0011110
DEFAULT VALUE = 0x00
TxMUTE
Mutes the AES3/SPDIF Transmitter
0 = The Transmitter is not muted
1 = The Transmitter is muted
SRC_DEEM1-0
Selects the Deemphasis Filter for the input data to the Sample Rate Converter
00 = No Deemphasis
01 = 32 kHz Deemphasis
10 = 44.1 kHz Deemphasis
11 = 48 kHz Deemphasis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com