Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV802 Datasheet(PDF) 21 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 17Page - Analog Devices ADAV802_15 Datasheet HTML 18Page - Analog Devices ADAV802_15 Datasheet HTML 19Page - Analog Devices ADAV802_15 Datasheet HTML 20Page - Analog Devices ADAV802_15 Datasheet HTML 21Page - Analog Devices ADAV802_15 Datasheet HTML 22Page - Analog Devices ADAV802_15 Datasheet HTML 23Page - Analog Devices ADAV802_15 Datasheet HTML 24Page - Analog Devices ADAV802_15 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 21 of 53
DIR
BLOCK
DIR_LF
2.2µF
750
Ω
82nF
AVDD
+
Figure 22. DIR loop Filter Components
Serial Digital Audio Transmission Standards
The ADAV802 can receive and transmit SPDIF, AES/EBU and
IEC-958 serial streams. SPDIF is a consumer audio standard
and AES/EBU is a professional audio standard. IEC-958 has
both consumer and professional definitions. This data sheet is
not intended to fully define or to provide a tutorial for these
standards, please contact the international standards setting
bodies for the full specifications.
All of these digital audio serial communication schemes encode
audio data and audio control information using the biphase-
mark method. This encoding method minimizes the dc content
of the transmitted signal. As can be seen from Figure 23 ones in
the original data end up with midcell transitions in the biphase-
mark encoded data, while zeros in the original data do not. Note
that the biphase-mark encoded data always has a transition
between bit boundaries.
0
11
1
0
0
CLOCK
(2 TIMES BIT RATE)
DATA
BIPHASE-MARK
DATA
Figure 23. Biphase-Mark Encoding
Digital audio communication schemes use “preambles” to
distinguish between channels (called “subframes”) and between
longer term control information blocks (called “frames”).
Preambles are particular biphase-mark patterns, which contains
encodeing violations that allow the receiver to uniquely
recognize them. These patterns, and their relationship to frames
and subframes, are shown in Figure 24 and Figure 25.
BIPHASE PATTERNS
11100010 OR 00011101
11100100 OR 00011011
11101000 OR 00010111
LEFT
RIGHT
LEFT AND C.S. BLOCKSTART
CHANNEL
X
Y
Z
Figure 24. Biphase-Mark Encoded Preambles
LEFT CH
XRIGHT CH
YZ LEFT CH
RIGHT CH
YLEFT CH
XRIGHT CH
Y
SUB-
FRAME
SUB-
FRAME
FRAME 0
FRAME 1
FRAME 191
PREAMBLES
Figure 25. Preambles, Frames and Subframes
The biphase-mark encoding violations are shown in Figure 26.
Note that all three preambles include encoding violations.
Ordinarily, the biphase-mark encoding method results in a
polarity transition between bit boundaries.
1
PREAMBLE X
1100
010
11
1
0
01
0
0
PREAMBLE Y
PREAMBLE Z
11
1
0
10
0
0
Figure 26. Preambles
The serial digital audio communication scheme are organized
using a frame and subframe construction. There are two
subframes per frame (ordinarily the left and right channel).
Each subframe includes the appropriate four bit preamble, up to
24 bits of audio data, a “validity” (V) bit, a “user” (U) bit, a
“channel status” (C) bit and an even “parity” (P) bit. The channel
status bits and the user bits accumulate over many frames to
convey control information. The channel status bits accumulate
over a 192 frame period (called a channel status block). The
user bits accumulate over 1176 frames when the interconnect is
implementing the so-called “subcode” scheme (EIAJ CP-2401).
The organization of the channel status block, frames and
subframes are shown in Figure 27 and Figure 28.
Channel
Status
Emphasis
Copy-
right
Non-
Audio
Pro/Con
=0
76
5
4
3
2
1
0
N
Address
Category Code
Channel Number
Source Number
Reserved
Clock
Accuracy
Sampling Frequency
Word Length
Reserved
Reserved
N+1
N+2
N+3
N+4
(N+5) to
(N+23)
Data Bits
N = 0x20 for Receiver Channel Status Buffer
N = 0x38 for Transmitter Channel Status Buffer
Figure 27. Consumer



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com