Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV802 Datasheet(PDF) 43 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 43 Page - Analog Devices

Back Button ADAV802_15 Datasheet HTML 39Page - Analog Devices ADAV802_15 Datasheet HTML 40Page - Analog Devices ADAV802_15 Datasheet HTML 41Page - Analog Devices ADAV802_15 Datasheet HTML 42Page - Analog Devices ADAV802_15 Datasheet HTML 43Page - Analog Devices ADAV802_15 Datasheet HTML 44Page - Analog Devices ADAV802_15 Datasheet HTML 45Page - Analog Devices ADAV802_15 Datasheet HTML 46Page - Analog Devices ADAV802_15 Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 43 of 53
Table 66. DAC Control Register 1
DR_ALL
DR_DIG
CHSEL1
CHSEL0
POL1
POL0
MUTER
MUTEL
7
6
5
4
3
2
1
0
ADDRESS = 1100100
DR_ALL
Hard Reset and Powerdown
0 = Normal, Output pins go to VREF Level
1 = Hard Reset & Low Power, Output pins go to AGND
DR_ALL
DAC Digital Reset
0 = Normal
1 = Reset All except registers
CHSEL1-0
DAC Channel Select
00 = Normal Left-Right
01 = Both Right
10 = Both Left
11 = Swapped, Right-Left
POL1-0
DAC Channel Polarity
00 = Both Positive
01 = Left Negative
10 = Right Negative
11 = Both Negative
MUTER
Mute Right Channel
0 = Normal
1 = Mute
MUTEL
Mute Left Channel
0 = Normal
1 = Mute
Table 67. DAC Control Register 2
RES
RES
DMCLK1
DMCLK0
DFS
DFS0
DEEM1
DEEM0
7
6
5
4
3
2
1
0
ADDRESS = 1100101
DMCLK1-0
DAC MCLK Divider
00 = MCLK
01 = MCLK/1.5
10 = MCLK/2
11 = MCLK/3
DFS1-0
DAC Interpolator Select
00 = 8 × (MCLK = 256 × fS)
01 = 4 × (MCLK = 128 × fS)
10 = 2 × (MCLK = 64 × fS)
11 = Reserved
DEEM1-0
DAC De-emphasis Select 00 = None
01 = 44.1 kHz
10 = 32 kHz
11 = 48 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com