Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAV802 Datasheet(PDF) 3 Page - Analog Devices

Part # ADAV802
Description  Audio Codec For Recordable DVD
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAV802 Datasheet(HTML) 3 Page - Analog Devices

  ADAV802_15 Datasheet HTML 1Page - Analog Devices ADAV802_15 Datasheet HTML 2Page - Analog Devices ADAV802_15 Datasheet HTML 3Page - Analog Devices ADAV802_15 Datasheet HTML 4Page - Analog Devices ADAV802_15 Datasheet HTML 5Page - Analog Devices ADAV802_15 Datasheet HTML 6Page - Analog Devices ADAV802_15 Datasheet HTML 7Page - Analog Devices ADAV802_15 Datasheet HTML 8Page - Analog Devices ADAV802_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 53 page
background image
Preliminary Technical Data
ADAV802
Rev. Pr G | Page 3 of 53
SPECIFICATIONS
Table 1. Test Conditions Unless Otherwise Noted
Supply Voltage
Analog
+3.3 V
Digital
+3.3 V
Ambient Temperature
25°C
Master Clock (XIN)
12.288 MHz
Measurement Bandwidth
20 Hz to 20 kHz
Word Width (All Converters)
24-bits
Load Capacitance on Digital Outputs
100 pF
ADC Input Frequency
997Hz at −1 dBFS
DAC Output Frequency
997Hz at −1 dBFS
Digital Input: Slave Mode, I2S Justified Format
Digital Output: Master Mode, I2S Justified Forma
Table 2. PGA Section
Min
Typ
Max
Unit
Conditions
Input Impedance
4
k
Ω
Minimum Gain
0
dB
Maximum Gain
24
dB
Gain Step
0.5
dB
Gain Step Error
TBD
dB
Table 3. Reference Section
Min
Typ
Max
Unit
Conditions
Absolute Voltage, VREF
1.5
V
VREFTemperature Coefficient
TBD
ppm/
°C
Table 4. ADC Section1
Min
Typ
Max
Unit
Conditions
Number of Channels
2
Resolution
24
Bits
Dynamic Range
−60 dB Input
Unweighted
98
100
dB
A-Weighted
99
102
dB
Total Harmonic Distorton + Noise
−85
dB
Input = −1.0 dBFS
Analog Input
Input Range (± Full Scale)
1.0
VRMS
VREF
1.5
V
DC Accuracy
Gain Error
−1
dB
Interchannel Gain Mismatch
0.01
dB
Gain Drift
100
ppm/°C
Offset
TBD
mV
Crosstalk (EIAJ Method)
100
dB
Volume Control Step Size (256 Steps)
0.39
% per step
Maximum Volume Attenuation
-48
dB
Group Delay
TBD
µS
1 The figures quoted are target specifications and subject to change before release



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com